Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP217 Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # SP217
Description  TO-5 type header with clear epoxy encapsulation
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SP217 Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  SP217 Datasheet HTML 1Page - KODENSHI_AUK CORP. SP217 Datasheet HTML 2Page - KODENSHI_AUK CORP. SP217 Datasheet HTML 3Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
最大定格 MAXIMUM RATINGS
Dec.2013
特長 FEATURES
電気的光学的特性 ELECTRO-OPTICAL CHARACTERISTICS
用途 APPLICATIONS
SP217は、TO-5メタルステムに透明エポキシ樹脂レンズを装着した指向性の広い
高出力シリコンフォトダイオードです。
The
SP217 is a TO-5 type high-output silicon photodiode, mounted on the metal
stem with a clear epoxy resin lens, and has wide angular response.
The contents of this data sheet are subject to change without advance notice for the purpose of improvement. When using this product, please refer to
the latest specifications.
本資料に記載しております内容は、技術の改良、進歩等によって予告なしに変更されることがあります。ご使用の際には、仕様書をご用命の上、
内容の確認をお願い致します
●
TO-5 STEM樹脂ポッティングタイプ
TO-5 type header with clear epoxy encapsulation
PHOTODIODES
フォトダイオード
●
高出力 (Isc=200μA Typ.)
High-output power (Isc=200μA Typ.)
●
チップサイズ □4.5mm
Chip size □4.5mm
●
広指向性 θ=±65deg.
Wide angular response θ=±65deg
OA機器、光量検知
OA equipment, Optical detector
Item
Symbol
Rating
Unit
動 作 温 度
保 存 温 度
はんだ付け温度
Topr.
Tstg.
Tsol.
−20∼+70
−30∼+80
260
℃
℃
℃
(Ta=25℃)
逆
電
圧
VR
5
V
Reverse voltage
Operating temp.
Storage temp.
Soldering temp.
*1. リード根元より2mm離れた所で t=5 s
For MAX. 5 seconds at the position of 2mm from the resin edge
*1
はんだ付け時間
Tsold.
5
Soldering time
sec
Item
Symbol
Conditions
Min.
Typ.
Max.
Unit
0.1
─
(Ta=25℃)
─
─
─
短
絡
電
流
暗
電
流
端 子 間 容 量
分
光
感
度
ピ ー ク 感 度 波 長
半
値
角
Short circuit current
Dark current
Capacitance
Spectral sensitivity
Peak wavelength
Half angle
ISC
Id
Ct
λ
λp
Δθ
EV=1,000Lx
*2
VR=5V
V=0V,f=1MHz
─
200
160
450∼1050
±65
1
μA
μA
pF
nm
nm
deg
*2. 色温度=2856K標準タングステン電球
Color temp. = 2856K standard Tungsten lamp
More than 10%
─
─
─
─
SP217
920
─
─


Similar Part No. - SP217

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
SP2102 SAMHOP-SP2102 Datasheet
125Kb / 7P
Super high dense cell design for low RDS(ON).
SP2103 SAMHOP-SP2103 Datasheet
117Kb / 7P
Super high dense cell design for low RDS(ON).
SP2106 SAMHOP-SP2106 Datasheet
115Kb / 7P
Super high dense cell design for low RDS(ON).
SP2107 SAMHOP-SP2107 Datasheet
116Kb / 7P
Super high dense cell design for low RDS(ON).
SP2108 SAMHOP-SP2108 Datasheet
112Kb / 7P
Super high dense cell design for low RDS(ON).
More results

Similar Description - SP217

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7PA175FU TOSHIBA-TC7PA175FU Datasheet
190Kb / 8P
D-Type Flip-Flop with Clear
logo
OptoSupply Internationa...
OSBBY25111E OPTOSUPPLY-OSBBY25111E Datasheet
112Kb / 1P
5mm Round Blue & Blue LED UV Resistant Epoxy/ Water Clear Type
logo
List of Unclassifed Man...
ATC900C ETC2-ATC900C Datasheet
182Kb / 6P
Available with Encapsulation Option
14251 ETC2-14251 Datasheet
89Kb / 2P
5 Minute Epoxy
logo
STANLEY ELECTRIC CO.,LT...
DNF318U-4 STANLEY-DNF318U-4 Datasheet
181Kb / 10P
5 type, Water clear epoxy
PP801 STANLEY-PP801 Datasheet
185Kb / 9P
Concave Lenz type, Water clear epoxy
logo
Sangdest Microelectroni...
63CPQ080 SMC-63CPQ080 Datasheet
141Kb / 5P
High purity, high temperature epoxy encapsulation for enhanced mechanical strength and moisture resistance
209CNQ SMC-209CNQ Datasheet
140Kb / 4P
High purity, high temperature epoxy encapsulation for enhanced mechanical strength and
logo
Shanghai Leiditech Elec...
HL16-400H LEIDITECH-HL16-400H Datasheet
279Kb / 1P
Encapsulation material: flame-retardant epoxy powder, in line with UL94V-0 requirements
logo
List of Unclassifed Man...
832WC ETC-832WC Datasheet
170Kb / 8P
Optically Clear Epoxy, Encapsulating & Potting Compound
07 February 2020
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com