Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18LC242-E/P Datasheet(PDF) 33 Page - Microchip Technology

Part # PIC18LC242-E/P
Description  High-Performance Microcontrollers with 10-Bit A/D
PDF  296 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LC242-E/P Datasheet(HTML) 33 Page - Microchip Technology

Back Button PIC18LC242-E/P Datasheet HTML 29Page - Microchip Technology PIC18LC242-E/P Datasheet HTML 30Page - Microchip Technology PIC18LC242-E/P Datasheet HTML 31Page - Microchip Technology PIC18LC242-E/P Datasheet HTML 32Page - Microchip Technology PIC18LC242-E/P Datasheet HTML 33Page - Microchip Technology PIC18LC242-E/P Datasheet HTML 34Page - Microchip Technology PIC18LC242-E/P Datasheet HTML 35Page - Microchip Technology PIC18LC242-E/P Datasheet HTML 36Page - Microchip Technology PIC18LC242-E/P Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 296 page
background image
PIC18CXX2
© 7/99 Microchip Technology Inc.
Preliminary
DS39026B-page 33
4.0
MEMORY ORGANIZATION
There are two memory blocks in Enhanced MCU
devices. These memory blocks are:
• Program Memory
• Data Memory
Each block has its own bus so that concurrent access
can occur.
4.1
Program Memory Organization
A 21-bit program counter is capable of addressing the
2-Mbyte program memory space. Accessing a location
between the physically implemented memory and the
2-Mbyte address will cause a read of all ’0’s (a NOP
instruction).
PIC18C252 and PIC18C452 have 32-KBytes of
EPROM, while PIC18C242 and PIC18C442 have
16-KBytes of EPROM. This means that PIC18CX52
devices can store up to 16K of single word instruc-
tions, and PIC18CX42 devices can store up to 8K of
single word instructions.
The reset vector address is at 0000h and the interrupt
vector addresses are at 0008h and 0018h.
Figure 4-1 shows the Program Memory Map for
PIC18C242/442 devices and Figure 4-2 shows the
Program Memory Map for PIC18C252/452 devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com