Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18LC242-E/P Datasheet(PDF) 21 Page - Microchip Technology

Part # PIC18LC242-E/P
Description  High-Performance Microcontrollers with 10-Bit A/D
PDF  296 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LC242-E/P Datasheet(HTML) 21 Page - Microchip Technology

Back Button PIC18LC242-E/P Datasheet HTML 17Page - Microchip Technology PIC18LC242-E/P Datasheet HTML 18Page - Microchip Technology PIC18LC242-E/P Datasheet HTML 19Page - Microchip Technology PIC18LC242-E/P Datasheet HTML 20Page - Microchip Technology PIC18LC242-E/P Datasheet HTML 21Page - Microchip Technology PIC18LC242-E/P Datasheet HTML 22Page - Microchip Technology PIC18LC242-E/P Datasheet HTML 23Page - Microchip Technology PIC18LC242-E/P Datasheet HTML 24Page - Microchip Technology PIC18LC242-E/P Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 296 page
background image
PIC18CXX2
© 7/99 Microchip Technology Inc.
Preliminary
DS39026B-page 21
2.7
Effects of Sleep Mode on the On-chip
Oscillator
When the device executes a SLEEP instruction, the on-
chip clocks and oscillator are turned off and the device
is held at the beginning of an instruction cycle (Q1
state). With the oscillator off, the OSC1 and OSC2 sig-
nals will stop oscillating. Since all the transistor switch-
ing currents have been removed, sleep mode achieves
the lowest current consumption of the device (only
leakage currents). Enabling any on-chip feature that
will operate during sleep will increase the current con-
sumed during sleep. The user can wake from SLEEP
through external reset, Watchdog Timer Reset or
through an interrupt.
TABLE 2-3:
OSC1 AND OSC2 PIN STATES IN SLEEP MODE
2.8
Power-up Delays
Power up delays are controlled by two timers, so that no
external reset circuitry is required for most applications.
The delays ensure that the device is kept in RESET
until the device power supply and clock are stable. For
additional information on RESET operation, see the
“Reset” section.
The first timer is the Power-up Timer (PWRT), which
optionally provides a fixed delay of 72 ms (nominal) on
power-up only (POR and BOR). The second timer is
the Oscillator Start-up Timer OST, intended to keep the
chip in RESET until the crystal oscillator is stable.
With the PLL enabled (HS/PLL oscillator mode), the
time-out sequence following a power-on reset is differ-
ent from other oscillator modes. The time-out sequence
is as follows: First the PWRT time-out is invoked after a
POR time delay has expired. Then the Oscillator Start-
up Timer (OST) is invoked. However, this is still not a
sufficient amount of time to allow the PLL to lock at high
frequencies. The PWRT timer is used to provide an
additional fixed 2ms (nominal) time-out to allow the PLL
ample time to lock to the incoming clock frequency.
OSC Mode
OSC1 Pin
OSC2 Pin
RC
Floating, external resistor should pull
high
At logic low
RCIO
Floating, external resistor should pull
high
Configured as Port A, bit 6
ECIO
Floating
Configured as Port A, bit 6
EC
Floating
At logic low
LP, XT, and HS
Feedback inverter disabled, at quies-
cent voltage level
Feedback inverter disabled, at quies-
cent voltage level
See Table 3-1, in the “Reset” section, for time-outs due to Sleep and MCLR reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com