Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F628T-20/P Datasheet(PDF) 49 Page - Microchip Technology

Part # PIC16F628T-20/P
Description  FLASH-Based 8-Bit CMOS Microcontrollers
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F628T-20/P Datasheet(HTML) 49 Page - Microchip Technology

Back Button PIC16F628T-20/P Datasheet HTML 45Page - Microchip Technology PIC16F628T-20/P Datasheet HTML 46Page - Microchip Technology PIC16F628T-20/P Datasheet HTML 47Page - Microchip Technology PIC16F628T-20/P Datasheet HTML 48Page - Microchip Technology PIC16F628T-20/P Datasheet HTML 49Page - Microchip Technology PIC16F628T-20/P Datasheet HTML 50Page - Microchip Technology PIC16F628T-20/P Datasheet HTML 51Page - Microchip Technology PIC16F628T-20/P Datasheet HTML 52Page - Microchip Technology PIC16F628T-20/P Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 160 page
background image
© 1999 Microchip Technology Inc.
Preliminary
DS40300B-page 49
PIC16F62X
6.3.1
SWITCHING PRESCALER ASSIGNMENT
The prescaler assignment is fully under software
control (i.e., it can be changed “on the fly” during
program execution). To avoid an unintended device
RESET,
the
following
instruction
sequence
(Example 6-1) must be executed when changing the
prescaler assignment from Timer0 to WDT.
EXAMPLE 6-1:
CHANGING PRESCALER
(TIMER0
→WDT)
1.BCF
STATUS, RP0
;Skip if already in
; Bank 0
2.CLRWDT
;Clear WDT
3.CLRF
TMR0
;Clear TMR0 & Prescaler
4.BSF
STATUS, RP0
;Bank 1
5.MOVLW
'00101111’b
;These 3 lines (5, 6, 7)
6.MOVWF
OPTION
; are required only if
; desired PS<2:0> are
7.CLRWDT
; 000 or 001
8.MOVLW
'00101xxx’b
;Set Postscaler to
9.MOVWF
OPTION
; desired WDT rate
10.BCF
STATUS, RP0
;Return to Bank 0
To change prescaler from the WDT to the TMR0
module use the sequence shown in Example 6-2. This
precaution must be taken even if the WDT is disabled.
EXAMPLE 6-2:
CHANGING PRESCALER
(WDT
→TIMER0)
CLRWDT
;Clear WDT and
;prescaler
BSF
STATUS, RP0
MOVLW
b'xxxx0xxx'
;Select TMR0, new
;prescale value and
;clock source
MOVWF
OPTION_REG
BCF
STATUS, RP0
TABLE 6-1:
REGISTERS ASSOCIATED WITH TIMER0
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR
Value on
All Other
Resets
01h
TMR0
Timer0 module register
xxxx xxxx
uuuu uuuu
0Bh/8Bh/
10Bh/18Bh
INTCON
GIE
—T0IE
INTE
RBIE
T0IF
INTF
RBIF
0000 000x
0000 000u
81h
OPTION
RBPU
INTEDG
T0CS
T0SE
PSA
PS2
PS1
PS0
1111 1111
1111 1111
85h
TRISA
TRISA7
TRISA6
—
TRISA4 TRISA3
TRISA2
TRISA1
TRISA0
11-1 1111
11-1 1111
Legend: — = Unimplemented locations, read as ‘0’, u = unchanged, x = unknown
Note:
Shaded bits are not used by TMR0 module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com