Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F628T-20/P Datasheet(PDF) 22 Page - Microchip Technology

Part # PIC16F628T-20/P
Description  FLASH-Based 8-Bit CMOS Microcontrollers
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F628T-20/P Datasheet(HTML) 22 Page - Microchip Technology

Back Button PIC16F628T-20/P Datasheet HTML 18Page - Microchip Technology PIC16F628T-20/P Datasheet HTML 19Page - Microchip Technology PIC16F628T-20/P Datasheet HTML 20Page - Microchip Technology PIC16F628T-20/P Datasheet HTML 21Page - Microchip Technology PIC16F628T-20/P Datasheet HTML 22Page - Microchip Technology PIC16F628T-20/P Datasheet HTML 23Page - Microchip Technology PIC16F628T-20/P Datasheet HTML 24Page - Microchip Technology PIC16F628T-20/P Datasheet HTML 25Page - Microchip Technology PIC16F628T-20/P Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 160 page
background image
PIC16F62X
DS40300B-page 22
Preliminary
© 1999 Microchip Technology Inc.
4.2.2.4
PIE1 REGISTER
This register contains interrupt enable bits.
REGISTER 4-4:
PIE1 REGISTER (ADDRESS 8CH)
R/W-0
R/W-0
R/W-0
R/W-0
U
R/W-0
R/W-0
R/W-0
EEIE
CMIE
RCIE
TXIE
-
CCP1IE
TMR2IE TMR1IE
R = Readable bit
W = Writable bit
U = Unimplemented bit, read
as ’0’
-n = Value at POR reset
bit7
bit0
bit 7:
EEIE: EE Write Complete Interrupt Enable Bit
1
= Enables the EE write complete interrupt
0
= Disables the EE write complete interrupt
bit 6:
CMIE: Comparator Interrupt Enable bit
1
= Enables the comparator interrupt
0
= Disables the comparator interrupt
bit 5:
RCIE: USART Receive Interrupt Enable bit
1
= Enables the USART receive interrupt
0
= Disables the USART receive interrupt
bit 4:
TXIE: USART Transmit Interrupt Enable bit
1
= Enables the USART transmit interrupt
0
= Disables the USART transmit interrupt
bit 3:
Unimplemented: Read as ‘0’
bit 2:
CCP1IE: CCP1 Interrupt Enable bit
1
= Enables the CCP1 interrupt
0
= Disables the CCP1 interrupt
bit 1:
TMR2IE: TMR2 to PR2 Match Interrupt Enable bit
1
= Enables the TMR2 to PR2 match interrupt
0
= Disables the TMR2 to PR2 match interrupt
bit 0:
TMR1IE: TMR1 Overflow Interrupt Enable bit
1
= Enables the TMR1 overflow interrupt
0
= Disables the TMR1 overflow interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com