Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F628T-20/P Datasheet(PDF) 98 Page - Microchip Technology

Part # PIC16F628T-20/P
Description  FLASH-Based 8-Bit CMOS Microcontrollers
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F628T-20/P Datasheet(HTML) 98 Page - Microchip Technology

Back Button PIC16F628T-20/P Datasheet HTML 94Page - Microchip Technology PIC16F628T-20/P Datasheet HTML 95Page - Microchip Technology PIC16F628T-20/P Datasheet HTML 96Page - Microchip Technology PIC16F628T-20/P Datasheet HTML 97Page - Microchip Technology PIC16F628T-20/P Datasheet HTML 98Page - Microchip Technology PIC16F628T-20/P Datasheet HTML 99Page - Microchip Technology PIC16F628T-20/P Datasheet HTML 100Page - Microchip Technology PIC16F628T-20/P Datasheet HTML 101Page - Microchip Technology PIC16F628T-20/P Datasheet HTML 102Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 160 page
background image
PIC16F62X
DS40300B-page 98
Preliminary
© 1999 Microchip Technology Inc.
14.2.3
EXTERNAL CRYSTAL OSCILLATOR
CIRCUIT
Either a prepackaged oscillator can be used or a simple
oscillator
circuit
with
TTL
gates
can
be
built.
Prepackaged oscillators provide a wide operating
range and better stability. A well-designed crystal
oscillator will provide good performance with TTL
gates. Two types of crystal oscillator circuits can be
used; one with series resonance, or one with parallel
resonance.
Figure 14-4 shows implementation of a parallel reso-
nant oscillator circuit. The circuit is designed to use the
fundamental frequency of the crystal. The 74AS04
inverter performs the 180
° phase shift that a parallel
oscillator requires. The 4.7 k
Ω resistor provides the
negative
feedback
for
stability.
The
10 k
Ω
potentiometers bias the 74AS04 in the linear region.
This could be used for external oscillator designs.
FIGURE 14-4: EXTERNAL PARALLEL
RESONANT CRYSTAL
OSCILLATOR CIRCUIT
Figure 14-5 shows a series resonant oscillator circuit.
This circuit is also designed to use the fundamental
frequency of the crystal. The inverter performs a 180
°
phase shift in a series resonant oscillator circuit. The
330 k
Ω resistors provide the negative feedback to bias
the inverters in their linear region.
FIGURE 14-5: EXTERNAL SERIES
RESONANT CRYSTAL
OSCILLATOR CIRCUIT
20 pF
+5V
20 pF
10k
4.7k
10k
74AS04
XTAL
10k
74AS04
PIC16F62X
CLKIN
To other
Devices
330 k
Ω
74AS04
74AS04
PIC16F62X
CLKIN
To other
Devices
XTAL
330 k
Ω
74AS04
0.1
µF
14.2.4
EXTERNAL CLOCK IN
For applications where a clock is already available else-
where, users may directly drive the PIC16F62X pro-
vided that this external clock source meets the AC/DC
timing requirements listed in Section 17.4. Figure 14-6
below shows how an external clock circuit should be
configured.
FIGURE 14-6: EXTERNAL CLOCK INPUT
OPERATION (HS, XT OR LP
OSC CONFIGURATION)
14.2.5
ER OSCILLATOR
For timing insensitive applications, the ER (External
Resistor) clock mode offers additional cost savings.
Only one external component, a resistor to VSS, is
needed to set the operating frequency of the internal
oscillator. The resistor draws a DC bias current which
controls the oscillation frequency. In addition to the
resistance value, the oscillator frequency will vary from
unit to unit, and as a function of supply voltage and tem-
perature. Since the controlling parameter is a DC cur-
rent and not a capacitance, the particular package type
and lead frame will not have a significant effect on the
resultant frequency.
Figure 14-7 shows how the controlling resistor is con-
nected to the PIC16F62X. For Rext values below 38k,
the oscillator operation may become unstable, or stop
completely. For very high Rext values (e.g. 1M), the
oscillator becomes sensitive to noise, humidity and
leakage. Thus, we recommend keeping Rext between
38k and 1M.
FIGURE 14-7: EXTERNAL RESISTOR
The Electrical Specification section shows the relation-
ship between the resistance value and the operating
frequency as well as frequency variations due to oper-
ating temperature for given R and VDD values.
The ER oscillator mode has two options that control the
unused OSC2 pin. The first allows it to be used as a
general purpose I/O port. The other configures the pin
as an output providing the Fosc signal (internal clock
divided by 4) for test or external synchronization pur-
poses.
Clock from
ext. system
PIC16F62X
OSC1/RA7
OSC2/RA6
RA6
RA7/OSC1/CLKIN
RA6/OSC2/CLKOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com