Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC815 Datasheet(PDF) 11 Page - Microchip Technology

Part # TC815
Description  3-1/2 Digit Auto-Ranging A/D Converter with Triplex LCD Drive and Display Hold Function
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC815 Datasheet(HTML) 11 Page - Microchip Technology

Back Button TC815 Datasheet HTML 7Page - Microchip Technology TC815 Datasheet HTML 8Page - Microchip Technology TC815 Datasheet HTML 9Page - Microchip Technology TC815 Datasheet HTML 10Page - Microchip Technology TC815 Datasheet HTML 11Page - Microchip Technology TC815 Datasheet HTML 12Page - Microchip Technology TC815 Datasheet HTML 13Page - Microchip Technology TC815 Datasheet HTML 14Page - Microchip Technology TC815 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
© 2002 Microchip Technology Inc.
DS21474B-page 11
TC815
4.0
CONVERSION TIMING
The TC815 analog-to-digital converter uses the con-
ventional dual slope integrating conversion technique
with an added phase that automatically eliminates zero
offset errors. The TC815 gives a zero reading with a
zero volt input.
The TC815 is designed to operate with a 32.768kHz
crystal. The 32kHz crystal is low cost and readily avail-
able; it serves as a time-base oscillator crystal in many
digital clocks. (See External Crystal Sources.)
The external clock is divided by two. The internal clock
frequency is 16.348kHz, giving a clock period of
61.04µsec. The total conversion — auto-zero phase,
signal integrate and reference deintegrate — requires
8000 clock periods or 488.3msec. There are approxi-
mately two complete conversions per second.
The integration time is fixed at 1638.5 clock periods or
100msec. This gives rejection of 50/60Hz AC line
noise.
The maximum reference de-integrate time, represent-
ing a full scale analog input, is 3000 clock periods or
183.1msec during manual extended resolution opera-
tion. The 3000 counts are available in Manual mode,
extended resolution operation only. In Auto-Ranging
mode, the maximum de-integrate time is 2000 clock
periods. The 1000 clock periods are added to the auto-
zero phase. An auto-ranging, or manual conversion
takes 8000 clock periods. After a zero crossing is
detected in the Reference De-integrate mode, the auto-
zero phase is entered. Figure 4-1 shows the basic
TC815 timing relationships.
FIGURE 4-1:
BASIC TC815
CONVERSION TIMING
External Crystal = 32.768kHz
Internal Clock Period = TP = 2/32.768 = 61.04µsec
Total Conversion Time = TCONV =8000(TP)
=488.3mec
≈ 2Conv/Sec.
Integration Time = TI = 1638.5 (TP) = 100.0msec.
Maximum Reference De-integration Time =
TDE =3000(TP) = 183.1msec
(Manual Extended Resolution)
Minimum Auto-Zero Time
= (8000-3000-1638.5) (TP)= 205.1msec
(Manual, Extended Resolution)
= (8000-2000-1638.5) (TP)= 266.2msec
(Auto-Range)
Auto-Zero
Phase
Min. Auto-Zero
Time
3361.5TP
TI
TDE
To Input
Signal
TCONV 8000 TP
Fixed
1638.5 TP
*Max
3000.0 TP
Extended
Resolution
Zero Crossing
*In Auto-Range Operation
Maximum is 2000TP and
Minimum Auto-Zero time
i s 4361.5TP
Signal
Integrate
Phase
Reference
De-integrate
Phase
Next Conversion
Auto-Zero Cycle
TC815



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com