Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC815 Datasheet(PDF) 19 Page - Microchip Technology

Part # TC815
Description  3-1/2 Digit Auto-Ranging A/D Converter with Triplex LCD Drive and Display Hold Function
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC815 Datasheet(HTML) 19 Page - Microchip Technology

Back Button TC815 Datasheet HTML 15Page - Microchip Technology TC815 Datasheet HTML 16Page - Microchip Technology TC815 Datasheet HTML 17Page - Microchip Technology TC815 Datasheet HTML 18Page - Microchip Technology TC815 Datasheet HTML 19Page - Microchip Technology TC815 Datasheet HTML 20Page - Microchip Technology TC815 Datasheet HTML 21Page - Microchip Technology TC815 Datasheet HTML 22Page - Microchip Technology TC815 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
© 2002 Microchip Technology Inc.
DS21474B-page 19
TC815
TABLE 9-1:
10.0
EXTERNAL CRYSTAL
The TC815 is designed to operate with a 32,768Hz
crystal. This frequency is internally divided by two to
give a 61.04µsec clock period. One conversion takes
8000 clock periods or 488.3 msec (
≈ 2 conversions/
second). Integration time is 1638.5 clock periods or
100msec.
The 32kHz quartz crystal is readily available and inex-
pensive. The 32kHz crystal is commonly used in digital
clocks and counters.
Several crystal sources exist. A partial listing is:
• Statek Corporation
512 N. Main
Orange, CA 92668
(714) 639-7810
TWX: 910-593-1355
TELEX: 67-8394
• Fox Electronics
5570 Enterprise Parkway
Fort Myers, FL 33905
(941) 693-0099
Contact manufacturer for full specifications.
PAD
BP1
BP2
BP3
PAD
COM1
COM2
COM3
1BP1
/
/
19
/
/
/
2
/
BP2
/
20
/
/
/
3
/
/
BP3
21
/
/
/
4/
LO
Ω
A22
/
/
/
5/
W
V
23
/
/
/
6HOLD
k
m
24
/
/
/
7b1
c1
/
25
/
/
/
8a1
g1
d1
26
/
/
/
9f1
e1
/
27
/
/
/
10
b2
c2
P2
28
/
/
/
11
a2
g2
d2
29
/
/
/
12
f2
e2
/
30
/
/
/
13
b3
c3
P3
31
/
/
/
14
a3
g3
d3
32
/
/
/
15
f3
e3
/
33
/
/
/
16
b4
c4
P4
34
/
/
/
17
AC
Auto
35
/
/
/
18
–MEM
/
36
/
/
/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com