Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC815 Datasheet(PDF) 18 Page - Microchip Technology

Part # TC815
Description  3-1/2 Digit Auto-Ranging A/D Converter with Triplex LCD Drive and Display Hold Function
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC815 Datasheet(HTML) 18 Page - Microchip Technology

Back Button TC815 Datasheet HTML 14Page - Microchip Technology TC815 Datasheet HTML 15Page - Microchip Technology TC815 Datasheet HTML 16Page - Microchip Technology TC815 Datasheet HTML 17Page - Microchip Technology TC815 Datasheet HTML 18Page - Microchip Technology TC815 Datasheet HTML 19Page - Microchip Technology TC815 Datasheet HTML 20Page - Microchip Technology TC815 Datasheet HTML 21Page - Microchip Technology TC815 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
TC815
DS21474B-page 18
© 2002 Microchip Technology Inc.
FIGURE 9-2:
TRIPLEX LCD DRIVE WAVEFORMS
FIGURE 9-3:
TYPICAL LCD DISPLAY CONFIGURATION TC815 TRIPLEX
a
b
f
g
c
d
e
BP1
BP2
BP3
BCP
AGD
FE
Backplanes
12
3
4
5
6
Backplanes
12
3
4
5
6
VP (3V)
BP1
BP2
BP3
VP
VH
VL
0
VP
VH
VL
0
VP
VH
0
–VL
–VH
–VP
VP
VH
VL
0
–VL
–VH
–VP
VP
VH
VL
0
–VL
–VH
–VP
VP
VH
VL
0
–VL
–VH
–VP
VP
VH
VL
0
–VL
–VH
–VP
VP
VH
VL
–VL
–VH
–VP
VP
VH
VL
0
–VL
–VH
–VP
Segments
Applied
RMS Voltage
VRMS =VP
a (FE – BP1)
"On"
b (BCP – BP1)
"On"
c (BCP – BP2)
"On"
d (AGD – BP3)
"On"
e (FE – BP2)
"Off"
f (FE – BP1)
"Off"
g (AGD – BP2)
"On"
11
33
VRMS =VP
11
33
VRMS =VP
11
33
VRMS =VP
11
33
VRMS =
VP
3
VRMS =
VP
3
VRMS =VP
11
33
Waveforms to Generate
- MEM
AUTO
HOLD
LO
Ω
k
Ω
mVA
AC
– +
3
3
3
10
10
5.5
6
43
2
P4
P3
P2
1.4
1
f
a
g
e
d
c
b
2.4
36
1
19
18
3.81
2.9
50.8 (+0.3–0.1)
45.0 Viewing Area Min.
CL Between Pads 2.54 X 17 - 43.18
1.27
1.27
0.5
Max.
Dimensions in mm (Not to Scale)
0.2
0.2
1.1
1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com