Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3524DM/NOPB Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LM3524DM/NOPB
Description  Regulating Pulse Width Modulator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3524DM/NOPB Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM3524DM/NOPB Datasheet HTML 12Page - Texas Instruments LM3524DM/NOPB Datasheet HTML 13Page - Texas Instruments LM3524DM/NOPB Datasheet HTML 14Page - Texas Instruments LM3524DM/NOPB Datasheet HTML 15Page - Texas Instruments LM3524DM/NOPB Datasheet HTML 16Page - Texas Instruments LM3524DM/NOPB Datasheet HTML 17Page - Texas Instruments LM3524DM/NOPB Datasheet HTML 18Page - Texas Instruments LM3524DM/NOPB Datasheet HTML 19Page - Texas Instruments LM3524DM/NOPB Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
LM2524D, LM3524D
SNVS766E – JUNE 2009 – REVISED MAY 2013
www.ti.com
(10)
where: L1 is in Henrys
f is switching frequency in Hz
Also, see LM1578 data sheet for graphical methods of inductor selection.
Calculating Output Filter Capacitor Co
Figure 23 shows L1's current with respect to Q1's tON and tOFF times (VA is at the collector of Q1). This curent
must flow to the load and Co. Co's current will then be the difference between IL, and Io.
Ico = IL − Io
(11)
From Figure 23 it can be seen that current will be flowing into Co for the second half of tON through the first half of
tOFF, or a time, tON/2 + tOFF/2. The current flowing for this time is ΔIL/4. The resulting ΔVc or ΔVo is described by:
(12)
For best regulation, the inductor's current cannot be allowed to fall to zero. Some minimum load current Io, and
thus inductor current, is required as shown below:
(13)
Figure 24. Inductor Current Slope in Step-Down Regulator
A complete step-down switching regulator schematic, using the LM3524D, is illustrated in Figure 25. Transistors
Q1 and Q2 have been added to boost the output to 1A. The 5V regulator of the LM3524D has been divided in
half to bias the error amplifier's non-inverting input to within its common-mode range. Since each output
transistor is on for half the period, actually 45%, they have been paralleled to allow longer possible duty cycle, up
to 90%. This makes a lower possible input voltage. The output voltage is set by:
(14)
where VNI is the voltage at the error amplifier's non-inverting input.
16
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LM2524D LM3524D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com