Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3524DM/NOPB Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # LM3524DM/NOPB
Description  Regulating Pulse Width Modulator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3524DM/NOPB Datasheet(HTML) 20 Page - Texas Instruments

Back Button LM3524DM/NOPB Datasheet HTML 16Page - Texas Instruments LM3524DM/NOPB Datasheet HTML 17Page - Texas Instruments LM3524DM/NOPB Datasheet HTML 18Page - Texas Instruments LM3524DM/NOPB Datasheet HTML 19Page - Texas Instruments LM3524DM/NOPB Datasheet HTML 20Page - Texas Instruments LM3524DM/NOPB Datasheet HTML 21Page - Texas Instruments LM3524DM/NOPB Datasheet HTML 22Page - Texas Instruments LM3524DM/NOPB Datasheet HTML 23Page - Texas Instruments LM3524DM/NOPB Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
LM2524D, LM3524D
SNVS766E – JUNE 2009 – REVISED MAY 2013
www.ti.com
So far it is assumed
η = 100%, where the actual efficiency or ηMAX will be somewhat less due to the saturation
voltage of Q1 and forward on voltage of D1. The internal power loss due to these voltages is the average IL
current flowing, or IIN, through either VSAT or VD1. For VSAT = VD1 = 1V this power loss becomes IIN(DC) (1V). ηMAX
is then:
(21)
(22)
This equation assumes only DC losses, however
ηMAX is further decreased because of the switching time of Q1
and D1.
In calculating the output capacitor Co it can be seen that Co supplies Io during tON. The voltage change on Co
during this time will be some
ΔVc = ΔVo or the output ripple of the regulator. Calculation of Co is:
(23)
where: Co is in farads, f is the switching frequency,
ΔVo is the p-p output ripple
Calculation of inductor L1 is as follows:
(24)
VIN is applied across L1
(25)
where: L1 is in henrys, f is the switching frequency in Hz
To apply the above theory, a complete step-up switching regulator is shown in Figure 30. Since VIN is 5V, VREF is
tied to VIN. The input voltage is divided by 2 to bias the error amplifier's inverting input. The output voltage is:
(26)
The network D1, C1 forms a slow start circuit.
20
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LM2524D LM3524D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com