Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3524DM/NOPB Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LM3524DM/NOPB
Description  Regulating Pulse Width Modulator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3524DM/NOPB Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM3524DM/NOPB Datasheet HTML 13Page - Texas Instruments LM3524DM/NOPB Datasheet HTML 14Page - Texas Instruments LM3524DM/NOPB Datasheet HTML 15Page - Texas Instruments LM3524DM/NOPB Datasheet HTML 16Page - Texas Instruments LM3524DM/NOPB Datasheet HTML 17Page - Texas Instruments LM3524DM/NOPB Datasheet HTML 18Page - Texas Instruments LM3524DM/NOPB Datasheet HTML 19Page - Texas Instruments LM3524DM/NOPB Datasheet HTML 20Page - Texas Instruments LM3524DM/NOPB Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
LM2524D, LM3524D
www.ti.com
SNVS766E – JUNE 2009 – REVISED MAY 2013
Resistor R3 sets the current limit to:
(15)
Figure 26 and Figure 27 show a PC board layout and stuffing diagram for the 5V, 1A regulator of Figure 25. The
regulator's performance is listed in Table 1.
*Mounted to Staver Heatsink No. V5-1.
Q1 = BD344
Q2 = 2N5023
L1 = >40 turns No. 22 wire on Ferroxcube No. K300502 Torroid core.
Figure 25. 5V, 1 Amp Step-Down Switching Regulator
Table 1.
Parameter
Conditions
Typical Characteristics
Output Voltage
VIN = 10V, Io = 1A
5V
Switching Frequency
VIN = 10V, Io = 1A
20 kHz
Short Circuit Current Limit
VIN = 10V
1.3A
Load Regulation
VIN = 10V
3 mV
Io = 0.2 − 1A
Line Regulation
ΔVIN = 10 − 20V,
6 mV
Io = 1A
Efficiency
VIN = 10V, Io = 1A
80%
Output Ripple
VIN = 10V, Io = 1A
10 mVp-p
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LM2524D LM3524D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com