Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML2252 Datasheet(PDF) 2 Page - Micro Linear Corporation

Part # ML2252
Description  關P Compatible 8-Bit A/D Converters with 2- or 8-Channel Multiplexer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML2252 Datasheet(HTML) 2 Page - Micro Linear Corporation

  ML2252 Datasheet HTML 1Page - Micro Linear Corporation ML2252 Datasheet HTML 2Page - Micro Linear Corporation ML2252 Datasheet HTML 3Page - Micro Linear Corporation ML2252 Datasheet HTML 4Page - Micro Linear Corporation ML2252 Datasheet HTML 5Page - Micro Linear Corporation ML2252 Datasheet HTML 6Page - Micro Linear Corporation ML2252 Datasheet HTML 7Page - Micro Linear Corporation ML2252 Datasheet HTML 8Page - Micro Linear Corporation ML2252 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
ML2252, ML2259
2
ML2259 BLOCK DIAGRAM
ADDR0
ADDR1
ADDR2
ALE
DB7
DB6
DB5
CH7
START
EOC
DB3
OE
CLK
VCC
12
13 14
15
16
17
18
5
6
7
8
9
10
11
43
2
1
28
25
24
23
22
21
20
19
27
26
TOP VIEW
ML2259
28-Pin PLCC (Q28)
ML2259
28-Pin DIP(P28W)
CH3
CH4
CH5
CH6
CH7
START
EOC
DB3
OE
CLK
VCC
+VREF
GND
DB1
CH2
CH1
CH0
ADDR0
ADDR1
ADDR2
ALE
DB7
DB6
DB5
DB4
DB0
–VREF
DB2
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
TOP VIEW
ML2252
20-Pin PLCC (Q20)
PIN CONFIGURATION
ML2252
20-Pin DIP (P20)
CH1
START
EOC
DB3
OE
CLK
VCC
+VREF
GND
DB1
CH0
ADDR0
ALE
DB7
DB6
DB5
DB4
DB0
–VREF
DB2
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
TOP VIEW
CONTROL
& TIMING
8-CHANNEL
MULTIPLEXER
ADDRESS
LATCH
AND
DECODER
THREE
STATE
OUTPUT
BUFFER
SUCCESSIVE
APPROXIMATION
REGISTER
D/A
CONVERTER
A/D WITH
SAMPLE-AND-HOLD FUNCTION
8pF
8pF
Σ
+
+
–
–
COMP
CH0
CH1
VCC
CLK
CH2
CH3
CH4
CH5
CH6
CH7
GND
+VREF
–VREF
DB3
DB2
DB1
DB6
DB7
DB5
DB4
DB0
EOC
START
OE
ALE
A0
A1
A2
ALE
DB7
DB6
DB5
DB4
DB3
OE
CLK
VCC
+VREF
910 11
12
13
4
5
6
7
8
32
1
20
19
18
17
16
15
14
TOP VIEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com