Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML2252 Datasheet(PDF) 4 Page - Micro Linear Corporation

Part # ML2252
Description  關P Compatible 8-Bit A/D Converters with 2- or 8-Channel Multiplexer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML2252 Datasheet(HTML) 4 Page - Micro Linear Corporation

  ML2252 Datasheet HTML 1Page - Micro Linear Corporation ML2252 Datasheet HTML 2Page - Micro Linear Corporation ML2252 Datasheet HTML 3Page - Micro Linear Corporation ML2252 Datasheet HTML 4Page - Micro Linear Corporation ML2252 Datasheet HTML 5Page - Micro Linear Corporation ML2252 Datasheet HTML 6Page - Micro Linear Corporation ML2252 Datasheet HTML 7Page - Micro Linear Corporation ML2252 Datasheet HTML 8Page - Micro Linear Corporation ML2252 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
ML2252, ML2259
4
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, VCC = +VREF = 5V ±10%, –VREF = GND, fCLK = 1.46MHz,
TA = Operating temperature range (Note 1)
ML2252B, ML2259B
ML2252C, ML2259C
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
Converter and Multiplexer Characteristics
Total Unadjusted Error
VREF = VCC, (Note 2)
±1/2
±1
LSB
+VREF Voltage Range
–VREF
VCC + 0.1
–VREF
VCC + 0.1
V
–VREF Voltage Range
GND – 0.1
+VREF
GND – 0.1
+VREF
V
Reference Input Resistance
14
20
35
14
20
28
k ý
Analog Input Range
(Note 3)
GND – 0.1
VCC + 0.1 GND – 0.1
VCC + 0.1
V
Power Supply Sensitivity
DC, VCC = 5V ±10%
±1/32
±1/4
±1/32
±1/4
LSB
100mVp-p, 100kHz
±1/16
±1/16
LSB
Sine on VCC, VIN = 0
IOFF, Off Channel Leakage On Channel = VCC, (Note 4)
–1
–1
µA
Current (Note 9)
Off Channel = 0V
On Channel = 0V, (Note 4)
1
1
µA
Off Channel = VCC
ION, On Channel Leakage On Channel = 0V, (Note 4)
–1
–1
µA
Current (Note 9)
Off Channel = VCC
On Channel = VCC, (Note 4)
1
1
µA
Off Channel = 0V
ABSOLUTE MAXIMUM RATINGS
Absolute maximum ratings are those values beyond which
the device could be permanently damaged. Absolute
maximum ratings are stress ratings only and functional
device operation is not implied.
Supply Voltage, VCC .............................................................. 6.5V
Logic Inputs ....................................... –0.3V to VCC 0.3V
Analog Inputs ..................................... –0.3V to VCC 0.3V
Input Current per Pin ............................................ ±25mA
Storage Temperature ................................ –65°C to 150°C
Lead Temperature (Soldering 10 sec.) .................... 260°C
OPERATING CONDITIONS
Supply Voltage, VCC .............................................. 4.5V to 6.3V
Temperature Range ........................................ 0°C to 70°C
Thermal Resistance (
qJA)
20-Pin PDIP ..................................................... 67°C/W
20-Pin PLCC .................................................... 78°C/W
28 Pin PDIP ..................................................... 48°C/W
28-Pin PLCC .................................................... 68°C/W
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Digital and DC
VIN(1)
Logical “1” Input Voltage
2.0
V
VIN(0)
Logical “0” Input Voltage
0.8
V
IIN(1)
Logical “1” Input Current
VIN = VCC
1µA
IIN(0)
Logical “0” Input Current
VIN = 0V
–1
µA
VOUT(1)
Logical “1” Output Voltage
IOUT = –2mA
4.0
V
VOUT(0)
Logical “0” Output Voltage
IOUT = 2mA
0.4
V
IOUT
Three-State Output Current
VOUT = 0V
–1
µA
VOUT = VCC
1µA
ICC
Supply Current
1.5
3
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com