Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML2252 Datasheet(PDF) 1 Page - Micro Linear Corporation

Part # ML2252
Description  關P Compatible 8-Bit A/D Converters with 2- or 8-Channel Multiplexer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML2252 Datasheet(HTML) 1 Page - Micro Linear Corporation

  ML2252 Datasheet HTML 1Page - Micro Linear Corporation ML2252 Datasheet HTML 2Page - Micro Linear Corporation ML2252 Datasheet HTML 3Page - Micro Linear Corporation ML2252 Datasheet HTML 4Page - Micro Linear Corporation ML2252 Datasheet HTML 5Page - Micro Linear Corporation ML2252 Datasheet HTML 6Page - Micro Linear Corporation ML2252 Datasheet HTML 7Page - Micro Linear Corporation ML2252 Datasheet HTML 8Page - Micro Linear Corporation ML2252 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
May 1997
ML2252*, ML2259**
µP Compatible 8-Bit A/D Converters
with 2- or 8-Channel Multiplexer
GENERAL DESCRIPTION
The ML2252 and ML2259 combine an 8-bit A/D
converter, 2- or 8-channel analog multiplexer, and a
microprocessor compatible 8-bit parallel interface and
control logic in a single monolithic CMOS device.
Easy interface to microprocessors is provided by the
latched and decoded multiplexer address inputs and a
double buffered three-state data bus. These analog-to-
digital converters allow the microprocessor to operate
completely asynchronous to the converter clock.
The built in sample and hold function provides the ability
to digitize a 5V, 50kHz sinewave to 8-bit accuracy. The
differential comparator design provides low power supply
sensitivity to DC and AC variations. The voltage reference
can be externally set to any value between ground and
VCC, thus allowing a full conversion over a relatively
small span. All parameters are guaranteed over
temperature with a power supply voltage of 5V ±10%.
The device is suitable for a wide range of applications
from process and machine control to consumer,
automotive, and telecommunication applications.
FEATURES
s
Conversion time (fCLK = 1.46MHz); 6.6µs
s
Total unadjusted error; ±1/2LSB or ±1LSB
s
No missing codes
s
Sample and hold; 390ns acquisition
s
Capable of digitizing a 5V, 50kHz sinewave
s
2- or 8-channel input multiplexer
s
0V to 5V analog input range with single 5V
power supply
s
Operates ratiometrically or with up to 5V
voltage reference
s
No zero or full scale adjust required
s
Analog input protection; 25mA per input min
s
Continuous conversion mode
s
Low power dissipation; 15mW max
s
TTL and CMOS compatible digital inputs and outputs
ML2252 BLOCK DIAGRAM
CONTROL
& TIMING
2-CHANNEL
MULTIPLEXER
ADDRESS
LATCH
AND
DECODER
THREE
STATE
OUTPUT
BUFFER
SUCCESSIVE
APPROXIMATION
REGISTER
D/A
CONVERTER
VCC
A/D WITH
SAMPLE-AND-HOLD FUNCTION
8pF
8pF
Σ
CLOCK
+
+
–
–
DB7
COMP
CH0
CH1
ALE
A0
GND
+VREF
–VREF
DB6
DB5
DB4
DB3
DB2
DB1
DB0
EOC
START
OE
1
* This Part Is Obsolete
** This Part Is End of Life As Of August 1, 2000


Similar Part No. - ML2252

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML2252 OKI-ML2252 Datasheet
199Kb / 31P
2-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
ML2252-XXXGA OKI-ML2252-XXXGA Datasheet
623Kb / 36P
2-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
More results

Similar Description - ML2252

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC0808 NSC-ADC0808 Datasheet
264Kb / 14P
8-Bit uP Compatible A/D Converters with 8-Channel Multiplexer
logo
Micro Linear Corporatio...
ML2258 MICRO-LINEAR-ML2258 Datasheet
169Kb / 12P
關P Compatible 8-Bit A/D Converter with 8-Channel Multiplexer
logo
National Semiconductor ...
ADC0808 NSC-ADC0808_07 Datasheet
394Kb / 16P
8-Bit uP Compatible A/D Converters with 8-Channel Multiplexer
ADC0816 NSC-ADC0816_07 Datasheet
344Kb / 14P
8-Bit 關P Compatible A/D Converters with 16-Channel Multiplexer
ADC0808 NSC-ADC0808_95 Datasheet
348Kb / 14P
8-Bit uP Compatible A/D Converters with 8-Channel Multiplexer
logo
Texas Instruments
ADC0809CCN TI1-ADC0809CCN Datasheet
494Kb / 19P
ADC0808/ADC0809 8-Bit 關P Compatible A/D Converters with 8-Channel Multiplexer
ADC0808-N TI1-ADC0808-N_14 Datasheet
538Kb / 20P
ADC0808/ADC0809 8-Bit 關P Compatible A/D Converters with 8-Channel Multiplexer
ADC0816 TI1-ADC0816_14 Datasheet
541Kb / 19P
ADC0816/ADC0817 8-Bit 關P Compatible A/D Converters with16-Channel Multiplexer
ADC0844 TI1-ADC0844 Datasheet
2Mb / 24P
8-Bit 關P Compatible A/D Converters with Multiplexer Options
ADC0808-N TI1-ADC0808-N_17 Datasheet
533Kb / 19P
8-Bit Compatible A/D Converters with 8-Channel Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com