Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML2721 Datasheet(PDF) 26 Page - Micro Linear Corporation

Part # ML2721
Description  Low IF Digital Cordless Transceiver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML2721 Datasheet(HTML) 26 Page - Micro Linear Corporation

Back Button ML2721 Datasheet HTML 19Page - Micro Linear Corporation ML2721 Datasheet HTML 20Page - Micro Linear Corporation ML2721 Datasheet HTML 21Page - Micro Linear Corporation ML2721 Datasheet HTML 22Page - Micro Linear Corporation ML2721 Datasheet HTML 23Page - Micro Linear Corporation ML2721 Datasheet HTML 24Page - Micro Linear Corporation ML2721 Datasheet HTML 25Page - Micro Linear Corporation ML2721 Datasheet HTML 26Page - Micro Linear Corporation ML2721 Datasheet HTML 27Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 26 / 27 page
background image
ML2721
26
January, 2000
PRELIMINARY DATASHEET
PRELIMINARY
ELECTRICAL TABLES (continued)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
TRANSMIT MODULATION
Modulation deviation, internal VCO
5 consecutive 1 or 0 bits
550
kHz
TRANSMIT DATA FILTER
Bandwidth
3dB
1.4
MHz
Attenuation
>10MHz
60
dB
INTERFACE LOGIC LEVELS
Input high voltage
VDD–0.4
V
Input low voltage
+0.4
V
Input bias current
±0.5
µA
Input capacitance
(Not tested)
4
pF
LD output low voltage
Sinking 0.1mA
<0.4
V
DOUT high voltage
Sourcing 0.1mA
VDD–0.4
V
DOUT low voltage
Sinking 0.1mA
0.4
V
DOUT sink/source current
0.4
mA
Note 1: Limits are guaranteed by 100% testing, sampling, or correlation with worst case test conditions.
Note 2: Filter type is 5th order Gaussian.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com