Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML2721 Datasheet(PDF) 7 Page - Micro Linear Corporation

Part # ML2721
Description  Low IF Digital Cordless Transceiver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML2721 Datasheet(HTML) 7 Page - Micro Linear Corporation

Back Button ML2721 Datasheet HTML 3Page - Micro Linear Corporation ML2721 Datasheet HTML 4Page - Micro Linear Corporation ML2721 Datasheet HTML 5Page - Micro Linear Corporation ML2721 Datasheet HTML 6Page - Micro Linear Corporation ML2721 Datasheet HTML 7Page - Micro Linear Corporation ML2721 Datasheet HTML 8Page - Micro Linear Corporation ML2721 Datasheet HTML 9Page - Micro Linear Corporation ML2721 Datasheet HTML 10Page - Micro Linear Corporation ML2721 Datasheet HTML 11Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
ML2721
7
January, 2000
PRELIMINARY DATASHEET
PRELIMINARY
Mode Control and Interface Lines (Continued)
3
PLLEN
I (CMOS)
Enables the PLL at the beginning of a Transmit or Receive slot. Goes
low before data is received or transmitted. RXON and PLLEN define
four distinct operating modes. This is a CMOS input, and the thresholds
are referenced to VDD & VSS
7
LD/TPQ
O (CMOS)
The Lock Detect output is an open drain output that goes low when the
PLL is in frequency lock. In analog test modes this pin and the RSSI
output become test access points controlled by the serial control bus
9
REF
I
Input for the 6.144MHz or 12.288MHz reference frequency. This is
used as the reference frequency for the PLL, and as a calibration
frequency for the on chip filters. This is a self-biased CMOS input that
is designed to be driven either by a an AC coupled sine wave source
(recommended coupling capacitor is 470pF) or by a standard CMOS
output
11
QPO
O
Charge Pump Output of the phase detector. This is connected to the
external PLL loop filter
15
VTUNE
I
VCO Tuning Voltage input from the PLL loop filter. This pin is very
sensitive to noise coupling and leakage currents
26
VBG
O
Bandgap reference voltage. Decoupled to ground with a 220nF
capacitor
28
RSSI/TPI
O
Buffered Analog RSSI output with a nominal sensitivity of 33mV/dB.
An RF input signal range of –95 to –15dBm gives an RSSI voltage
output of zero to 2.7V. In analog test modes this pin and the LD output
become test access ports
Serial Bus Signals
4
EN
I (CMOS)
Enable pin for the three wire serial control bus which sets the
operating frequency and programmable options. The control registers
are loaded on a low to high transition of the signal. Serial control bus
data is ignored when it is high. This is a CMOS input, and the
thresholds are referenced to VDD & VSS
5
DATA
I (CMOS)
Serial control bus data. 16 bit words which include programming data
and the two bit address of a control register. This is a CMOS input, and
the thresholds are referenced to VDD & VSS
6
CLK
I (CMOS)
Serial control bus data is clocked in on the rising edge when EN is
low. This is a CMOS input, the thresholds are referenced to VDD & VSS
PIN DESCRIPTIONS (continued)
Pin #
Signal Name
I/O
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com