Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML6430 Datasheet(PDF) 33 Page - Micro Linear Corporation

Part # ML6430
Description  Genlocking Sync Generator with Digital Audio Clock for NTSC, PAL & VGA
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6430 Datasheet(HTML) 33 Page - Micro Linear Corporation

Back Button ML6430 Datasheet HTML 25Page - Micro Linear Corporation ML6430 Datasheet HTML 26Page - Micro Linear Corporation ML6430 Datasheet HTML 27Page - Micro Linear Corporation ML6430 Datasheet HTML 28Page - Micro Linear Corporation ML6430 Datasheet HTML 29Page - Micro Linear Corporation ML6430 Datasheet HTML 30Page - Micro Linear Corporation ML6430 Datasheet HTML 31Page - Micro Linear Corporation ML6430 Datasheet HTML 32Page - Micro Linear Corporation ML6430 Datasheet HTML 33Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 33 / 33 page
background image
ML6430/ML6431
33
DS6430_31-01
PHYSICAL DIMENSIONS inches (millimeters)
ORDERING INFORMATION
PART NUMBER
TEMPERATURE RANGE
PACKAGE
ML6430CH
0°C to 70°C
32-Pin TQFP (H32-7)
ML6431CH (EOL)
0°C to 70°C
32-Pin TQFP (H32-7)
2092 Concourse Drive
San Jose, CA 95131
Tel: 408/433-5200
Fax: 408/432-0295
www.microlinear.com
0.048 MAX
(1.20 MAX)
SEATING PLANE
0.354 BSC
(9.00 BSC)
0.276 BSC
(7.00 BSC)
1
0.276 BSC
(7.00 BSC)
0.354 BSC
(9.00 BSC)
9
25
17
0.032 BSC
(0.8 BSC)
PIN 1 ID
0.012 - 0.018
(0.29 - 0.45)
0.037 - 0.041
(0.95 - 1.05)
0.018 - 0.030
(0.45 - 0.75)
0.003 - 0.008
(0.09 - 0.20)
0º - 8º
Package: H32-7
32-Pin (7 x 7 x 1mm) TQFP
© Micro Linear 2000.
is a registered trademark of Micro Linear Corporation. All other trademarks are the
property of their respective owners.
Products described herein may be covered by one or more of the following U.S. patents: 4,897,611; 4,964,026; 5,027,116;
5,281,862; 5,283,483; 5,418,502; 5,508,570; 5,510,727; 5,523,940; 5,546,017; 5,559,470; 5,565,761; 5,592,128; 5,594,376;
5,652,479; 5,661,427; 5,663,874; 5,672,959; 5,689,167; 5,714,897; 5,717,798; 5,742,151; 5,747,977; 5,754,012; 5,757,174;
5,767,653; 5,777,514; 5,793,168; 5,798,635; 5,804,950; 5,808,455; 5,811,999; 5,818,207; 5,818,669; 5,825,165; 5,825,223;
5,838,723; 5.844,378; 5,844,941. Japan: 2,598,946; 2,619,299; 2,704,176; 2,821,714. Other patents are pending.
Micro Linear makes no representations or warranties with respect to the accuracy, utility, or completeness of the contents
of this publication and reserves the right to make changes to specifications and product descriptions at any time without
notice. No license, express or implied, by estoppel or otherwise, to any patents or other intellectual property rights is granted
by this document. The circuits contained in this document are offered as possible applications only. Particular uses or
applications may invalidate some of the specifications and/or product descriptions contained herein. The customer is urged
to perform its own engineering review before deciding on a particular application. Micro Linear assumes no liability
whatsoever, and disclaims any express or implied warranty, relating to sale and/or use of Micro Linear products including
liability or warranties relating to merchantability, fitness for a particular purpose, or infringement of any intellectual property
right. Micro Linear products are not designed for use in medical, life saving, or life sustaining applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com