Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML6430 Datasheet(PDF) 1 Page - Micro Linear Corporation

Part # ML6430
Description  Genlocking Sync Generator with Digital Audio Clock for NTSC, PAL & VGA
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6430 Datasheet(HTML) 1 Page - Micro Linear Corporation

  ML6430 Datasheet HTML 1Page - Micro Linear Corporation ML6430 Datasheet HTML 2Page - Micro Linear Corporation ML6430 Datasheet HTML 3Page - Micro Linear Corporation ML6430 Datasheet HTML 4Page - Micro Linear Corporation ML6430 Datasheet HTML 5Page - Micro Linear Corporation ML6430 Datasheet HTML 6Page - Micro Linear Corporation ML6430 Datasheet HTML 7Page - Micro Linear Corporation ML6430 Datasheet HTML 8Page - Micro Linear Corporation ML6430 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
December 1998
PRELIMINARY
ML6430/ML6431*
Genlocking Sync Generator with
Digital Audio Clock for NTSC, PAL & VGA
1
GENERAL DESCRIPTION
The ML6430/ML6431 are multi-standard single-chip
BiCMOS video Genlock ICs for NTSC, PAL and VGA.
They are designed to provide a stable clock from an
analog video signal, and to provide timing pulses for
clamping, decoding, blanking and processing video
signals. The ML6430/ML6431 handle VCR glitches and
variations created by head switching, tape dropouts,
missing sync pulses, freeze frames, high speed playback
and camcorder gyro errors. The ML6430/ML6431 are
designed for high noise immunity, insensitivity to varying
signal amplitudes, overmodulated color carriers, and sync
glitches. Advanced analog and digital clock synthesis
techniques provide multi-standard and non-standard
operation from a single crystal or external asynchronous
clock source. Pin selectable preset modes allow operation
for most video standards in simple stand-alone mode
without the necessity of using the serial bus. For more
demanding applications, a two wire serial control bus is
available for full control of all of the ML6430/ML6431
features.
The ML6430/ML6431 are ideal for clock generation in
MPEG encoders, high performance display timing, and
video editing.
FEATURES
s
Line locked scalable horizontal pixel clock for an
arbitrary number of pixels per line
s
Standard frequencies of 12.27, 13.5, 14.75MHz, or 4Fsc
s
4
´/2´ or 2´/1´ clock outputs (54 and 27MHz, or 27 and
13.5MHz) and VGA clocks
s
Audio clocks: 32, 44.1, or 48kHz, locked to video
s
On-chip sync separator, VCO and pulse generator
s
Low clock jitter: Short Term: <200ps rms locked
s
Line to line: <600ps rms (2.2ns peak-to-peak) locked
s
Fast recovery from VCR head switch, stable for fast
shuttle speeds and pause
s
Single crystal or external frequency source
s
PAL, NTSC or VGA operation
s
2 wire serial control bus, or selectable presets for stand
alone operation
s
RS170A compatible
* This Part Is End Of Life As Of August 1, 2000
BLOCK DIAGRAM
ANALOG PLL
DIGITAL PLL
PULSE AND AUDIO
CLOCK GENERATOR
DIGITAL PHASE DET.
AND FILTERING
DIGITAL PHASE
MOD.
CRYSTAL
OSC.
XTALIN
PHASE
DETECTOR
÷N
HORIZ. PIXEL
COUNTER
VERT. LINE
COUNTER
DYNA. STATE MACH.
CONTROLLER
VSYNC
CVIN/
HSYNC
÷M
CVREF
VCC SVCC AVCC BVCC D
CSYNC
LOCKED
HRESET
FRESET
GND S
GND A
GND B
GND D
SLEEP/54MHz
FREERUN
SCLAMP
BCLAMP/BURST
1X CLOCK/4X CLOCK
2X CLOCK
HBLANK
VBLANK
FIELD ID
AUDIOCLK/PHERROUT*
P0
P1
P2/S DATA
P3/S CLK
NOSIGNAL
6
7
8
11
12
3
13
5
10
20
30
16
17
24
25
2
1
32
31
18
19
27
28
22
23
15
29
21
9
4
XTALOUT
SIGNAL DETECT
MUX
SYNC SEPARATOR
14
26
REF
VCO
SERIAL CONTROL
AND PRESETS
*PHERROUT IS
ONLY AVAILABLE IN ML6431


Similar Part No. - ML6430

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
ML643RAU111MLZ COILCRAFT-ML643RAU111MLZ Datasheet
600Kb / 3P
High-Reliability Air Core Inductors
ML643RAU151MLZ COILCRAFT-ML643RAU151MLZ Datasheet
600Kb / 3P
High-Reliability Air Core Inductors
ML643RAU201MLZ COILCRAFT-ML643RAU201MLZ Datasheet
600Kb / 3P
High-Reliability Air Core Inductors
ML643RAU251MLZ COILCRAFT-ML643RAU251MLZ Datasheet
600Kb / 3P
High-Reliability Air Core Inductors
ML643RAU33NMLZ COILCRAFT-ML643RAU33NMLZ Datasheet
600Kb / 3P
High-Reliability Air Core Inductors
More results

Similar Description - ML6430

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M65675FP MITSUBISHI-M65675FP Datasheet
83Kb / 17P
DIGITAL NTSC/PAL ENCODER
M65677FP MITSUBISHI-M65677FP Datasheet
38Kb / 6P
DIGITAL NTSC/PAL ENCODER
logo
NXP Semiconductors
TDA9141 PHILIPS-TDA9141 Datasheet
175Kb / 25P
PAL/NTSC/SECAM decoder/sync processor
December 1992
TDA9160 PHILIPS-TDA9160 Datasheet
220Kb / 27P
PAL/NTSC/SECAM decoder/sync processor
December 1991
logo
Integrated Circuit Syst...
MK1410 ICST-MK1410 Datasheet
63Kb / 4P
NTSC/PAL Clock Source
Revision 102298
MK2712 ICST-MK2712 Datasheet
56Kb / 4P
NTSC/PAL Clock Source
Revision 061401
logo
List of Unclassifed Man...
CH7001C ETC-CH7001C Datasheet
108Kb / 18P
VGA to NTSC/PAL Encoder
CH7002D ETC-CH7002D Datasheet
199Kb / 36P
Scalable VGA to NTSC/PAL Encoder
logo
Integrated Circuit Syst...
ICS662-02 ICST-ICS662-02 Datasheet
95Kb / 6P
NTSC/PAL AUDIO CLOCK
Revision 100803
logo
Renesas Technology Corp
MK2712 RENESAS-MK2712 Datasheet
237Kb / 5P
NTSC/PAL Clock Source
092104
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com