Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML6554CU Datasheet(PDF) 4 Page - Micro Linear Corporation

Part # ML6554CU
Description  3A Bus Termination Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6554CU Datasheet(HTML) 4 Page - Micro Linear Corporation

  ML6554CU Datasheet HTML 1Page - Micro Linear Corporation ML6554CU Datasheet HTML 2Page - Micro Linear Corporation ML6554CU Datasheet HTML 3Page - Micro Linear Corporation ML6554CU Datasheet HTML 4Page - Micro Linear Corporation ML6554CU Datasheet HTML 5Page - Micro Linear Corporation ML6554CU Datasheet HTML 6Page - Micro Linear Corporation ML6554CU Datasheet HTML 7Page - Micro Linear Corporation ML6554CU Datasheet HTML 8Page - Micro Linear Corporation ML6554CU Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
ML6554
4
NOVEMBER, 1999
FUNCTIONAL DESCRIPTION
This switching regulator is capable of sinking and sourcing
3A of current without an external heatsink. The ML6554
uses a power surface mount package (PSOP) that includes
an integrated heat slug. The heat can be piped through the
bottom of the device and onto the PCB (Figure 2).
The ML6554 integrates two power MOSFETs that can be
used to source and sink 3A of current while maintaining a
tight voltage regulation. Using the external feedback, the
output can be regulated well within 3% or less,
depending on the external components chosen. Separate
voltage supply inputs have been added to accommodate
applications with various power supplies for the databus
and power buses.
OUTPUTS
The output voltage pins (VL1, VL2) are tied to the databus,
address, or clock lines via an external inductor. See the
Applications section for recommendations. Output
voltage is determined by the VCCQ or VREFIN inputs.
INPUTS
The input voltage pins (VCCQ or VREFIN) determine the
output voltages (VL1 or VL2) . In the default mode, where
the VREFIN pin is floating, the output voltage is 50% of
the VCCQ input. VCCQ can be the reference voltage for the
databus.
Figure 1.
16
15
14
13
12
11
10
9
U1
ML6554
VDD
PVDD1
VL1
PGND1
PGND2
VL2
PVDD2
DGND
AVCC
VCCQ
VREFOUT
AGND
SHDN
VREFIN
VFB
VDD
1
2
3
4
5
6
7
8
R3
100k
Ω
VCCQ
VREFOUT
TPI
VTT
2.5V TO 4V
SHDN
VREFIN
GND
GND
TO SDRAMS
220µF
C7 1nF
220µF
C4 0.1µF
R4 100k
Ω
R5 1k
Ω
C9 0.1µF
R2 100
Ω
R1 100
Ω
C8 0.1µF
C2
0.1µF
C1
820µF
F2V
OS-CON
L1 3.3µH C3 0.1µF
Output voltage can also be selected by forcing a voltage
at the VREFIN pin. In this case, the output voltage follows
the voltage at the VREFIN input. Simple voltage dividers
can be used this case to produce a wide variety of output
voltages between 2.3V to 4V.
VREF INPUT AND OUTPUT
The VREFIN input can be used to force a voltage at the
outputs (Inputs section, above). The VREFOUT pin is an
output pin that is driven by a small output buffer to
provide the VREF signal to other devices in the system.
The output buffer is capable of driving several output
loads. The output buffer can handle 3mA.
OTHER SUPPLY VOLTAGES
Several inputs are provide for the supply voltages: PVDD1,
PVDD2, AVCC, and VDD.
The PVDD1 and PVDD2 and provide the power supply to
the power MOSFETs. VDD provides the voltage supply to
the digital sections, while AVCC supplies the voltage for
the analog sections. Again, see the Applications section
for recommendations.
FEEDBACK INPUT
The VFB pin is an input that can be used for closed loop
compensation. This input is derived from the voltage
output. See application section for recommendation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com