Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML6554CU Datasheet(PDF) 10 Page - Micro Linear Corporation

Part # ML6554CU
Description  3A Bus Termination Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6554CU Datasheet(HTML) 10 Page - Micro Linear Corporation

Back Button ML6554CU Datasheet HTML 6Page - Micro Linear Corporation ML6554CU Datasheet HTML 7Page - Micro Linear Corporation ML6554CU Datasheet HTML 8Page - Micro Linear Corporation ML6554CU Datasheet HTML 9Page - Micro Linear Corporation ML6554CU Datasheet HTML 10Page - Micro Linear Corporation ML6554CU Datasheet HTML 11Page - Micro Linear Corporation ML6554CU Datasheet HTML 12Page - Micro Linear Corporation ML6554CU Datasheet HTML 13Page - Micro Linear Corporation ML6554CU Datasheet HTML 14Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
ML6554
10
NOVEMBER, 1999
ITEM
QTY
DESCRIPTION
MANUFACTURER / PART NUMBER
DESIGNATOR
RESISTORS
1
2
100
W1210 SMD
Panasonic/ERJ-8ENF1000V
R1, R2
21
1k
W 1210 SMD
Panasonic/ERJ-8ENF1001V
R5
3
2
100k
W1210 SMD
Panasonic/ERJ-8ENF1003V
R3, R4
CAPACITORS
4
3
0.1µF 1210 Film SMD
Panasonic/ECV3VB1E104K
C2, C8, C9
Panasonic/ECU-V1H104KBW
5
1
820µF 2V Solid Elect. SMD
Sanyo/ 2SV820M Os Con
C1
6
2
330µF Tant 6.3V 100m
W
AVX/ TPSE337M006R0100
C5, C6
7
1
1nF 1210 Film SMD
Panasonic/ECU-V1H102KBM
C7
8
2
0.1µF 0805 Film
Panasonic/ECJ-2VF1C104Z
C3, C4
ICS
9
1
ML6554 Bus Terminator
ML6554CU
U1
Power SOP Package
MAGNETICS
10
1
3.3µH 5A inductor SMD
Coilcraft/D03316P-332HC
L1
Pulse Eng./ P0751.332T
Gowanda/SMP3316-331M
XFMRS inc./XF0046-S4
OTHER
11
1
Scope probe socket
Tektronics/131-4353-00
TP1
12
1
12 Pin breakaway strip
Sullins/PTC36SAAN (36 PINS)
I/O, standoffs
Table 1. Recommend Parts List for SSTL-2 Termination Circuit
VENDOR LIST
1. AVX
(207) 282-5111
2. Sanyo
(619) 661-6835
3. Tektronix
(408) 496-0800
4. Coilcraft
(847) 639-6400
5. Pulse
(800) 797-8573
6. Gowanda
(716) 532-2234
7. Xfmrs Inc.
(317) 834-1066
8. Panasonic
(714) 373-7366
9. Digikey
(800) 344-4539



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com