Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMZ12003EXT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LMZ12003EXT
Description  3A SIMPLE SWITCHER Power Module With 20-V Maximum Input Voltage for Demanding Environments and Rugged Applications
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMZ12003EXT Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMZ12003EXT Datasheet HTML 3Page - Texas Instruments LMZ12003EXT Datasheet HTML 4Page - Texas Instruments LMZ12003EXT Datasheet HTML 5Page - Texas Instruments LMZ12003EXT Datasheet HTML 6Page - Texas Instruments LMZ12003EXT Datasheet HTML 7Page - Texas Instruments LMZ12003EXT Datasheet HTML 8Page - Texas Instruments LMZ12003EXT Datasheet HTML 9Page - Texas Instruments LMZ12003EXT Datasheet HTML 10Page - Texas Instruments LMZ12003EXT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
1.79
1.80
1.81
1.82
1.83
0
0.5
1
1.5
2
2.5
3
OUTPUT CURRENT (A)
4.5
5
5.5
6
12
15
20
85°C
8
1.80
1.81
1.82
1.83
0
0.5
1
1.5
2
2.5
3
OUTPUT CURRENT (A)
4.5
5
5.5
8
12
20
25°C
6
15
0
0.5
1
1.5
2
2.5
3
0
0.5
1
1.5
2
2.5
3
OUTPUT CURRENT (A)
5.0
3.3
2.5
1.8
1.5
1.2
0.8
85°C
50
55
60
65
70
75
80
85
90
95
100
0
0.5
1
1.5
2
2.5
3
OUTPUT CURRENT (A)
5.0
3.3
2.5
1.8
1.5
1.2
0.8
85°C
1.5
0
0.5
1
1.5
2
2.5
3
0
0.5
1
1.5
2
2.5
3
OUTPUT CURRENT (A)
5.0
3.3
2.5
1.8
1.2
0.8
85°C
50
55
60
65
70
75
80
85
90
95
100
0
0.5
1
1.5
2
2.5
3
OUTPUT CURRENT (A)
5.0
3.3
2.5
1.8
1.5
1.2
0.8
85°C
LMZ12003EXT
www.ti.com
SNVS663H – JUNE 2010 – REVISED AUGUST 2015
Typical Characteristics (continued)
Unless otherwise specified, the following conditions apply: VIN = 12 V; CIN = 10-µF X7R Ceramic; CO = 100-µF X7R Ceramic;
TA = 25°C for efficiency curves and waveforms.
Figure 7. Efficiency 8-V Input at 85°C
Figure 8. Dissipation 8-V Input at 85°C
Figure 9. Efficiency 12-V Input at 85°C
Figure 10. Dissipation 12-V Input at 85°C
Figure 11. Line and Load Regulation at 25°C
Figure 12. Line and Load Regulation at 85°C
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LMZ12003EXT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com