Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMZ12003EXT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LMZ12003EXT
Description  3A SIMPLE SWITCHER Power Module With 20-V Maximum Input Voltage for Demanding Environments and Rugged Applications
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMZ12003EXT Datasheet(HTML) 2 Page - Texas Instruments

  LMZ12003EXT Datasheet HTML 1Page - Texas Instruments LMZ12003EXT Datasheet HTML 2Page - Texas Instruments LMZ12003EXT Datasheet HTML 3Page - Texas Instruments LMZ12003EXT Datasheet HTML 4Page - Texas Instruments LMZ12003EXT Datasheet HTML 5Page - Texas Instruments LMZ12003EXT Datasheet HTML 6Page - Texas Instruments LMZ12003EXT Datasheet HTML 7Page - Texas Instruments LMZ12003EXT Datasheet HTML 8Page - Texas Instruments LMZ12003EXT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
LMZ12003EXT
SNVS663H – JUNE 2010 – REVISED AUGUST 2015
www.ti.com
Table of Contents
1
Features .................................................................. 1
8
Application and Implementation ........................ 12
8.1
Application Information............................................ 12
2
Applications ........................................................... 1
8.2
Typical Application ................................................. 12
3
Description ............................................................. 1
9
Power Supply Recommendations ...................... 18
4
Revision History..................................................... 2
10
Layout................................................................... 18
5
Pin Configuration and Functions ......................... 3
10.1
Layout Guidelines ................................................. 18
6
Specifications......................................................... 3
10.2
Layout Examples................................................... 19
6.1
Absolute Maximum Ratings ...................................... 3
10.3
Power Dissipation and Thermal Considerations ... 20
6.2
ESD Ratings.............................................................. 3
10.4
Power Module SMT Guidelines ............................ 20
6.3
Recommended Operating Ratings............................ 4
11
Device and Documentation Support ................. 22
6.4
Thermal Information .................................................. 4
11.1
Device Support...................................................... 22
6.5
Electrical Characteristics........................................... 4
11.2
Documentation Support ........................................ 22
6.6
Typical Characteristics ............................................. 6
11.3
Community Resources.......................................... 22
7
Detailed Description ............................................ 10
11.4
Trademarks ........................................................... 22
7.1
Overview ................................................................. 10
11.5
Electrostatic Discharge Caution ............................ 22
7.2
Functional Block Diagram ....................................... 10
11.6
Glossary ................................................................ 22
7.3
Feature Description................................................. 10
12
Mechanical, Packaging, and Orderable
7.4
Device Functional Modes........................................ 11
Information ........................................................... 23
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision G (October 2013) to Revision H
Page
•
Added ESD Ratings table, Feature Description section, Device Functional Modes, Application and Implementation
section, Power Supply Recommendations section, Layout section, Device and Documentation Support section, and
Mechanical, Packaging, and Orderable Information section. ................................................................................................ 1
Changes from Revision F (April 2013) to Revision G
Page
•
Deleted 12 mils ....................................................................................................................................................................... 4
•
Changed 10 mils................................................................................................................................................................... 18
•
Changed 10 mils................................................................................................................................................................... 20
•
Added Power Module SMT Guidelines................................................................................................................................. 20
2
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: LMZ12003EXT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com