Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KAF-8300 Datasheet(PDF) 9 Page - ON Semiconductor

Part # KAF-8300
Description  Full Frame CCD Image Sensor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KAF-8300 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button KAF-8300 Datasheet HTML 5Page - ON Semiconductor KAF-8300 Datasheet HTML 6Page - ON Semiconductor KAF-8300 Datasheet HTML 7Page - ON Semiconductor KAF-8300 Datasheet HTML 8Page - ON Semiconductor KAF-8300 Datasheet HTML 9Page - ON Semiconductor KAF-8300 Datasheet HTML 10Page - ON Semiconductor KAF-8300 Datasheet HTML 11Page - ON Semiconductor KAF-8300 Datasheet HTML 12Page - ON Semiconductor KAF-8300 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
KAF−8300
www.onsemi.com
9
Table 6. SPECIFICATIONS (continued)
Description
Verification
Plan
Notes
Unit
Max.
Nom.
Min.
Symbol
COLOR DEVICES
Sensitivity
Red
Green
Blue
RRESP
GRESP
BRESP
260
442
230
420
638
420
mV
Die18
Quantum Efficiency
R (600 nm)
G (540 nm)
B (480 nm)
QERED
QEGREEN
QEBLUE
33
40
33
%
Design19
Off-Band Response
Green Inband
Red Response
Blue Response
Red Inband
Green Response
Blue Response
Blue Inband
Red Response
Green Response
Gr_GRESP
Gr_RRESP
Gr_BRESP
Rd_RRESP
Rd_GRESP
Rd_BRESP
Bl_BRESP
Bl_RRESP
Bl_GRESP
362
0
0
180
0
0
90
0
0
630
130
260
430
120
45
420
40
120
mV
Die18
Linearity Balance
Red_Bal
Blu_Bal
−14
−8
6.4
0.2
14
8
&
2, 6
Die18
Photo Response Non-Uniformity
R_PRNU
G_PRNU
B_PRNU
15
15
15
% p-p
7
Die18
High Frequency Noise
R_Nois
GRr_Nois
GBr_Nois
B_Nois
2
2
2
2
% rms
Die18
Red-Green Hue Shift
RGHueUnif
10
%
12
Die18
Blue-Green Hue Shift
BGHueUnif
12
%
12
Die18
GRr/GBr Hue Uniformity
GrGbHueUnf
7
%
12
Die18
Green Light GRr/GBr Hue
Uniformity
Gr_GHueUnf
9
%
Die18
Low Hue Uniformity
RGLoHueUnf
BGLoHueUnf
12
10
%
Die18
Streak/Spot
GrnStreak
RedStreak
BluStreak
40
20
20
%
Local Green Difference
White Light, min
White Light, max
Green Light, min
Green Light, max
Red Light, min
Red Light, max
Blue Light, min
Blue Light, max
W_GNU_Min
W_GNU_Max
Gr_GNU_Min
Gr_GNU_Max
R_GNU_Min
R_GNU_Max
B_GNU_Min
B_GNU_Max
4
6
4
4
65
65
40
40
%
Die18
Chroma Test
UL_Chroma
UR_Chroma
LL_Chroma
LR_Chroma
7
7
7
7
%
Die18
Hue Test
UL_UR_Hue
UL_LR_Hue
UL_LL_Hue
UR_LR_Hue
UR_LL_Hue
LR_LL_Hue
6
6
6
6
6
6
%
Die18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com