Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KAF-8300 Datasheet(PDF) 13 Page - ON Semiconductor

Part # KAF-8300
Description  Full Frame CCD Image Sensor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KAF-8300 Datasheet(HTML) 13 Page - ON Semiconductor

Back Button KAF-8300 Datasheet HTML 9Page - ON Semiconductor KAF-8300 Datasheet HTML 10Page - ON Semiconductor KAF-8300 Datasheet HTML 11Page - ON Semiconductor KAF-8300 Datasheet HTML 12Page - ON Semiconductor KAF-8300 Datasheet HTML 13Page - ON Semiconductor KAF-8300 Datasheet HTML 14Page - ON Semiconductor KAF-8300 Datasheet HTML 15Page - ON Semiconductor KAF-8300 Datasheet HTML 16Page - ON Semiconductor KAF-8300 Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
KAF−8300
www.onsemi.com
13
DEFECT DEFINITIONS
Table 7. OPERATIONAL CONDITIONS
(The Defect Specifications are measured using the following conditions.)
Description
Test Condition
Notes
Integration Time (tINT)
33 ms
Unless Otherwise Noted
Operating Temperature
60
°C
Unless Otherwise Noted
Table 8. SPECIFICATIONS
Description
Symbol
Definition
Threshold
Maximum
Number
Allowed
Notes
COLOR DEVICES
Point Defect
BPnt33_7
Dark Field, Minor, Short Integration Time
7.5 mV
800 Total
Points
Allowed for
this Group of
Tests
3
Point Defect
Bfld_Pnt_D
Dark Point in an Illuminated Field
11%
3
Point Defect
Bfld_Pnt_B
Bright Point in an Illuminated Field
7%
3
Point Defect
BPnt33_100
Dark Field, Major, Short Integration Time
10 mV
3
Point Defect
BPnt33_500
Dark Field, Major, Short Integration Time
500 mV
0
3
Point Defect
BPnt333_13
Dark Field, Minor, Long Integration Time, tINT = 1/3 s
13 mV
32,500
1, 3, 4
Point Defect
DR_BPnts
Bright Point in the Dark Reference Region
7.5 mV
0
5
Cluster Defect
Total_Clst
A Cluster is a Group of 2 or more Defective Pixels
that do not Exceed the Perpendicular Pattern Defect
6 Total
3
Cluster Defect
Dfld_Vperp
Dark Field Very Long Exposure Bright Cluster where
9 or more Adjacent Point Defects Exist, Very Long
Integration Time, tINT = 1 s
3.04 mV
0
3
Cluster Defect −
Perpendicular Pattern
Defect
Dfld_Perp
Bfld_Perp
Total_Perp
Three or more Adjacent Point Defects in the Same
Color Plane, along a Row or Column
0
2, 3
Column Defect,
Illuminated
Bfld_Col_D
Bfld_Col_B
A Column which Deviates above or below
Neighboring Columns under Illuminated Conditions
(> 300 mV Signal) greater that the Threshold
1.5%
1.5%
0
3
Column Defect,
Dark Field
Dfld_Col2
Dfld_Col4
Lo_Col_B
Lo_Col_D
Lo_Col_B1
Lo_Col_D1
A Column which Deviates above or below
Neighboring Columns under Non-Illuminated or Low
Light Level Conditions (~10 mV) greater than the
Threshold
1 mV
1 mV
1 mV
1 mV
1 mV
1 mV
0
3
3
5
5
5
5
Row Defect
Dfld_Row
Row Defect if Row Average Deviates above
Threshold
1 mV
0
3
LOD Bright Col, Dark
Dfld_LodCol
Defines Functionality and Uniform Efficiency of LOD
Structure
1.5 mV
0
3
Streak Test, Color
GrnStreak
RedStreak
BluStreak
Maximum Defect Density Gradient Allowed in a Color
Bit Plane (Note 4)
40%
20%
20%
0
Streak
Test,
Color
MONOCHROME DEVICES
Point Defect, Dark Field
BPnt33_7
Dark Field, Minor, Short Integration Time
7.5 mV
800
Point Defect, Dark Field
BPnt33_100
Dark Field, Major, Short Integration Time
100 mV
6
Point Defect, Dark Field
DfBP_33_200
Dark Field, Major, Short Integration Time
200 mV
0
Point Defect, Dark Field
BPnt33_500
Dark Field, Major, Short Integration Time
500 mV
0
Point Defect,
Bright Field
Bfld_Pnt_D
Dark Point in an Illuminated Field, Short Integration
Time
11%
800
Point Defect,
Bright Field
Bfld_Pnt_B
Bright Point in an Illuminated Field, Short Integration
Time
7%
800



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com