Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KAF-8300 Datasheet(PDF) 1 Page - ON Semiconductor

Part # KAF-8300
Description  Full Frame CCD Image Sensor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KAF-8300 Datasheet(HTML) 1 Page - ON Semiconductor

  KAF-8300 Datasheet HTML 1Page - ON Semiconductor KAF-8300 Datasheet HTML 2Page - ON Semiconductor KAF-8300 Datasheet HTML 3Page - ON Semiconductor KAF-8300 Datasheet HTML 4Page - ON Semiconductor KAF-8300 Datasheet HTML 5Page - ON Semiconductor KAF-8300 Datasheet HTML 6Page - ON Semiconductor KAF-8300 Datasheet HTML 7Page - ON Semiconductor KAF-8300 Datasheet HTML 8Page - ON Semiconductor KAF-8300 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
© Semiconductor Components Industries, LLC, 2015
April, 2015 − Rev. 2
1
Publication Order Number:
KAF−8300/D
KAF-8300
3326 (H) x 2504 (V) Full
Frame CCD Image Sensor
Description
The KAF−8300 Image Sensor is a 22.5 mm diagonal (Four Thirds
Format) high performance color or monochrome full frame CCD
(charge-coupled device) image sensor designed for a wide range of
image sensing applications including digital imaging. Each pixel
contains blooming protection by means of a lateral overflow drain
thereby preventing image corruption during high light level
conditions. For the color version, the 5.4
mm square pixels are
patterned with an RGB mosaic color filter with overlying microlenses
for improved color response and reproduction. Several versions of
monochrome devices are available with or without microlenses.
Table 1. GENERAL SPECIFICATIONS
Parameter
Typical Value
Architecture
Full Frame CCD; with Square Pixels
Total Number of Pixels
3448 (H)
× 2574 (V) = approx. 8.9 Mp
Number of Effective Pixels
Color Device
Monochrome Device
3358 (H)
× 2536 (V) = approx. 8.6 Mp
3366 (H)
× 2544 (V) = approx. 8.6 Mp
Number of Active Pixels
3326 (H)
× 2504 (V) = approx. 8.3 Mp
Pixel Size
5.4
mm (H) × 5.4 mm (V)
Active Image Size
17.96 mm (H)
× 13.52 mm (V)
22.5 mm (Diag.), 4/3
″ Optical Format
Aspect Ratio
4:3
Horizontal Outputs
1
Saturation Signal
> 25.5 ke
Output Sensitivity
23
mV/e
Quantum Efficiency (Color)
R (450 nm)
G (550 nm)
B (650 mm)
33%
40%
33%
Quantum Efficiency
(Monochrome)
Microlens, Clear Glass (540 nm)
Microlens, No Glass (540 nm)
Microlens, AR Glass (540 nm)
No Microlens, Clear G. (560 nm)
54%
60%
56%
37%
Total Sensor Noise
16 e
Dark Signal
< 200 e/s
Dark Current Doubling Temp.
5.8
°C
Linear Dynamic Range
64.4 dB
Linear Error at 12
°C
±10%
Charge Transfer Efficiency
0.999995
Blooming Protection
(1 ms Integration Time)
1000X Saturation Exposure
Maximum Date Rate
28 MHz
Package
32-pin CERDIP, 0.070
″ Pin Spacing
Cover Glass
Clear or AR Coated, 2 Sides
NOTE: Parameters above are specified at T = 60
°C and a data rate of 28 MHz
unless otherwise noted
www.onsemi.com
Figure 1. KAF−8300 Full Frame CCD
Image Sensor
Features
TRUESENSE Transparent Gate Electrode
for High Sensitivity
High Resolution
High Dynamic Range
Low Noise Architecture
Applications
Digitization
Medical
Scientific
See detailed ordering and shipping information on page 2 of
this data sheet.
ORDERING INFORMATION


Similar Part No. - KAF-8300

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
KAF-8300 ONSEMI-KAF-8300 Datasheet
460Kb / 28P
Full Frame CCD Image Sensor
October, 2017 ??Rev. 3
KAF-8300-AAB-CB-AA ONSEMI-KAF-8300-AAB-CB-AA Datasheet
460Kb / 28P
Full Frame CCD Image Sensor
October, 2017 ??Rev. 3
KAF-8300-AAB-CB-AE ONSEMI-KAF-8300-AAB-CB-AE Datasheet
460Kb / 28P
Full Frame CCD Image Sensor
October, 2017 ??Rev. 3
KAF-8300-AXC-CB-AA ONSEMI-KAF-8300-AXC-CB-AA Datasheet
460Kb / 28P
Full Frame CCD Image Sensor
October, 2017 ??Rev. 3
KAF-8300-AXC-CB-AE ONSEMI-KAF-8300-AXC-CB-AE Datasheet
460Kb / 28P
Full Frame CCD Image Sensor
October, 2017 ??Rev. 3
More results

Similar Description - KAF-8300

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
FTF3020-M PHILIPS-FTF3020-M Datasheet
224Kb / 16P
Full Frame CCD Image Sensor
1999 November 22
logo
ON Semiconductor
KAF-1001 ONSEMI-KAF-1001 Datasheet
1Mb / 23P
FULL FRAME CCD IMAGE SENSOR
JUNE 18, 2014 REV 1.1
KAF-4301 ONSEMI-KAF-4301 Datasheet
1Mb / 25P
FULL FRAME CCD IMAGE SENSOR
JUNE 18, 2014 Rev 2.1
KAF-16803 ONSEMI-KAF-16803 Datasheet
1Mb / 31P
FULL FRAME CCD IMAGE SENSOR
REVISION 1.1
KAF-0402 ONSEMI-KAF-0402 Datasheet
191Kb / 16P
FULL FRAME CCD IMAGE SENSOR
April, 2015 ??Rev. 2
KAF-31600 ONSEMI-KAF-31600 Datasheet
1Mb / 30P
FULL FRAME CCD IMAGE SENSOR
REVISION 1.1
KAF-1603 ONSEMI-KAF-1603_17 Datasheet
475Kb / 15P
Full Frame CCD Image Sensor
February, 2017 ??Rev. 2
KAF-8300 ONSEMI-KAF-8300_17 Datasheet
460Kb / 28P
Full Frame CCD Image Sensor
October, 2017 ??Rev. 3
KAF-16200 ONSEMI-KAF-16200_17 Datasheet
375Kb / 22P
Full Frame CCD Image Sensor
January, 2017 ??Rev. 2
KAF-16801 ONSEMI-KAF-16801_17 Datasheet
837Kb / 16P
Full Frame CCD Image Sensor
October, 2017 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com