Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AND035VX-UHB-LED Datasheet(PDF) 2 Page - Purdy Electronics Corporation

Part # AND035VX-UHB-LED
Description  Ultra High Bright TFT LCD Color Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PURDY [Purdy Electronics Corporation]
Direct Link  http://www.purdyelectronics.com
Logo PURDY - Purdy Electronics Corporation

AND035VX-UHB-LED Datasheet(HTML) 2 Page - Purdy Electronics Corporation

  AND035VX-UHB-LED Datasheet HTML 1Page - Purdy Electronics Corporation AND035VX-UHB-LED Datasheet HTML 2Page - Purdy Electronics Corporation AND035VX-UHB-LED Datasheet HTML 3Page - Purdy Electronics Corporation AND035VX-UHB-LED Datasheet HTML 4Page - Purdy Electronics Corporation AND035VX-UHB-LED Datasheet HTML 5Page - Purdy Electronics Corporation AND035VX-UHB-LED Datasheet HTML 6Page - Purdy Electronics Corporation AND035VX-UHB-LED Datasheet HTML 7Page - Purdy Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Displays
Purdy Electronics Corporation • 720 Palomar Avenue • Sunnyvale, CA 94085
Tel: 408-523-8200 • Fax: 408-733-1287 • sales@purdyelectronics.com •
www.purdyelectronics.com
06/07/10
2
AND035VX-UHB-LED
Ultra High Bright TFT LCD Color Module
Item
Symbol
Conditions
Specifications
Units
Typ.
Max.
Units
Supply Current for Gate Driver (Hi Level)
IGG
VGG = +17V
0.12
0.15
mA
Supply Current for Gate Driver (Low Level)
IEE
VEE = -10V
0.15
0.19
mA
Supply Current for Source Driver (Digital)
IDD1
VDD1 = +3.3V
4.8
8.0
mA
Supply Current for Source Driver (Analog)
IDD2
VDD2 = +10V
16.0
30.0
mA
Supply Current for Gate Driver (Digital)
ICC
VCC = +3.3V
0.17
0.21
mA
LCD Panel Power Consumption
—
—
180
332
mW
Power Consumption (Ta = 25ºC)
Backlight Connector: JST BHR-03VS-1
Recommended Operating Conditions (VSS1 = VSS2 = GND = 0V, Ta = 25 ºC)
Item
Symbol
Min.
Specifications
Typ.
Max.
Units
Supply Voltage for Source Driver
V
DD1
3.0
3.3
3.6
V
V
DD2
9.5
10
10.5
Supply Voltage for Gate Driver
AV
DD
+4.5
+5.0
+5.5
V
GH
+14.5
+15.0
+15.5
V
EE
-15.5
-15.0
-14.5
Data Input Voltage
V
IH
0.8 VDD1
–
VDD1
V
P-P
V
IL
0
–
0.2 VDD1
V
Recommended Driving Conditions for LED Backlight (GND = 0V, Ta = 25 ºC)
Item
Symbol
Min.
Specifications
Typ.
Max.
Units
Remarks
Supply Voltage for LED Backlight
V
LED
9
12
13
V
IL = 20mA
Supply Current of LED Backlight
I
LED1
—
20
—
mA
Note 1
I
LED2
—
20
—
mA
Note 1
Backlight Power Consumption
P
LED
720
960
1040
mW
Note 2
Note 1: LED B/L applied information, please refer to appendix at the end.
Note 2: PLED = VLED * ILED1 + VLED * ILED2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com