Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AND035VX-UHB-LED Datasheet(PDF) 3 Page - Purdy Electronics Corporation

Part # AND035VX-UHB-LED
Description  Ultra High Bright TFT LCD Color Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PURDY [Purdy Electronics Corporation]
Direct Link  http://www.purdyelectronics.com
Logo PURDY - Purdy Electronics Corporation

AND035VX-UHB-LED Datasheet(HTML) 3 Page - Purdy Electronics Corporation

  AND035VX-UHB-LED Datasheet HTML 1Page - Purdy Electronics Corporation AND035VX-UHB-LED Datasheet HTML 2Page - Purdy Electronics Corporation AND035VX-UHB-LED Datasheet HTML 3Page - Purdy Electronics Corporation AND035VX-UHB-LED Datasheet HTML 4Page - Purdy Electronics Corporation AND035VX-UHB-LED Datasheet HTML 5Page - Purdy Electronics Corporation AND035VX-UHB-LED Datasheet HTML 6Page - Purdy Electronics Corporation AND035VX-UHB-LED Datasheet HTML 7Page - Purdy Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Displays
Purdy Electronics Corporation • 720 Palomar Avenue • Sunnyvale, CA 94085
Tel: 408-523-8200 • Fax: 408-733-1287 • sales@purdyelectronics.com •
www.purdyelectronics.com
06/07/10
3
AND035VX-UHB-LED
Ultra High Bright TFT LCD Color Module
Item
Symbol
Remarks
Min.
Specifications
Typ.
Max.
Units
Viewing Angle
Horizontal
θ
CR ≥ 10
± 45
± 50
–
deg
Vertical
θ
(to 12 o’clock)
10
15
–
θ
(to 6 o’clock)
30
35
–
Contrast Ratio
Luminance when LCD is white
Luminance when LCD i black
CR
At optimized
viewing angle
200
400
–
–
Response Time
Rise
Tr
θ
= 0º
–
15
30
ms
Fall
Tf
θ
= 0º
–
25
50
Brightness
LUM
θ
= 0º
4
1300
–
cd/m2
Uniformity
U
θ
= 0º
70
75
–
%
Cross Talk
–
θ
= 0º
–
–
3
%
White Chhromaticity
X
θ
= 0º
0.28
0.31
0.34
–
Y
0.30
0.33
0.36
Lamp Life Time
Ta = 25 ºC
–
decay to 75%
–
20,000
–
hrs
Optical Specifications (Ta = 25 ºC)
Electronic Characteristics
Symbol
I/O
Conditions
Min.
Typ.
Max.
Unit
Vin
I
DC (+)
4.8
5
5.2
V
Iin
I
DC (+5V)
400
450
500
mA
Pin
I
–
2.25
–
W
Pixel Arrangement (The LCD module pixel arrangement is stripe.)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com