Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AND035VX-UHB-LED Datasheet(PDF) 4 Page - Purdy Electronics Corporation

Part # AND035VX-UHB-LED
Description  Ultra High Bright TFT LCD Color Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PURDY [Purdy Electronics Corporation]
Direct Link  http://www.purdyelectronics.com
Logo PURDY - Purdy Electronics Corporation

AND035VX-UHB-LED Datasheet(HTML) 4 Page - Purdy Electronics Corporation

  AND035VX-UHB-LED Datasheet HTML 1Page - Purdy Electronics Corporation AND035VX-UHB-LED Datasheet HTML 2Page - Purdy Electronics Corporation AND035VX-UHB-LED Datasheet HTML 3Page - Purdy Electronics Corporation AND035VX-UHB-LED Datasheet HTML 4Page - Purdy Electronics Corporation AND035VX-UHB-LED Datasheet HTML 5Page - Purdy Electronics Corporation AND035VX-UHB-LED Datasheet HTML 6Page - Purdy Electronics Corporation AND035VX-UHB-LED Datasheet HTML 7Page - Purdy Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Displays
Purdy Electronics Corporation • 720 Palomar Avenue • Sunnyvale, CA 94085
Tel: 408-523-8200 • Fax: 408-733-1287 • sales@purdyelectronics.com •
www.purdyelectronics.com
06/07/10
4
AND035VX-UHB-LED
Ultra High Bright TFT LCD Color Module
Driver Board Outline Drawing
Keyboard Outline Drawing (Optional)
Description:
Outline: 87.2 x 14 x 12.7 mm
Top Layer High (Max): 8 mm
Bottom Layer High (Max): 3.5 mm
Board Thickness: 1.2 mm
Four Screw Holes: φ 2.5 mm



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com