Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LX8630-33CDD Datasheet(PDF) 4 Page - Microsemi Corporation

Part # LX8630-33CDD
Description  3A BiCMOS Very Low Dropout Regulators
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX8630-33CDD Datasheet(HTML) 4 Page - Microsemi Corporation

  LX8630-33CDD Datasheet HTML 1Page - Microsemi Corporation LX8630-33CDD Datasheet HTML 2Page - Microsemi Corporation LX8630-33CDD Datasheet HTML 3Page - Microsemi Corporation LX8630-33CDD Datasheet HTML 4Page - Microsemi Corporation LX8630-33CDD Datasheet HTML 5Page - Microsemi Corporation LX8630-33CDD Datasheet HTML 6Page - Microsemi Corporation LX8630-33CDD Datasheet HTML 7Page - Microsemi Corporation LX8630-33CDD Datasheet HTML 8Page - Microsemi Corporation LX8630-33CDD Datasheet HTML 9Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Microsemi
Linfinity Microelectronics Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 4
Copyright
© 2000
Rev. 1.0a,2000-11-28
LX8630-xx
3A BiCMOS Very Low Dropout Regulators
PRODUCTION DATA SHEET
A
M I CROS E M I
COM P A N Y

 
   
 
       
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNITS
INPUT VOLTAGE
VIN
3.0
5.5
V
LOAD CURRENT (WITH ADEQUATE HEATSINKING)
0.01
3
A
INPUT CAPACITOR (VIN TO GND)
10
100

OUTPUT CAPACITOR (VOUT TO GND)
22
220*

* Size your output capacitor to meet the transient loading requirement. If you have a very dynamic load, a larger capacitor will improve
the response to these load steps (see charts 2&3)

  
 
(Unless otherwise specified, the following specifications apply over the operating ambient temperatures for the LX8630-xxC with 0
°C
≤
TA
≤ 125°C; V
IN = VOUT + 1.5V; IOUT = 10mA; CIN = 10
' (OUT ) ' *J = TA. Test conditions: Low duty cycle pulse testing
techniques are used which maintains junction and case temperatures equal to the ambient temperature.)
LX8630-xx
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
 LX8630-33 FIXED 3.3V, 3A
TJ = 25
°C
3.25
3.3
3.35
Output Voltage
VOUT
Over Temperature
3.22
3.38
V
Line Regulation
VREG
VIN = 3.9V to 5.5V
2
8
mV
Load Regulation
IREG
IOUT = 10mA to 3 A
18
40
mV
IOUT = 3A,
OUT = -1%
0.4
0.6
IOUT = 1.5A,
OUT = -1%
0.3
0.4
Dropout Voltage (VDO = VIN - VOUT)
VDO
IOUT = 10mA,
OUT = -1%
0.05
0.15
V
Short Circuit Current
ISC
VOUT = 0V
5
6.5
A
Quiescent Current
IQ
IOUT = 10mA to 3A
400
600

0V < VIN < VOUT, VOUT < 3.4V (at VOUT)
50
650

Reverse Leakage Current
IREV
0V < VIN < VOUT, VOUT < 3.4V (at VIN)
-50
0
mA
 LX8630-25 FIXED 2.5V, 3A
TJ = 25
°C
2.46
2.5
2.54
Output Voltage
VOUT
Over Temperature
2.44
2.5
2.56
V
Line Regulation
VREG
VIN = 3.1V to 5.5V
2
6
mV
Load Regulation
IREG
IOUT = 10mA to 3 A
14
30
mV
IOUT = 3A,
OUT = -1%, TJ = 85°C
0.4
0.6
IOUT = 1.5A,
OUT = -1%
0.3
0.45
Dropout Voltage (VDO = VIN - VOUT)
VDO
IOUT = 10mA,
OUT = -1%
0.05
0.15
V
Short Circuit Current
ISC
VOUT = 0V
5
6.5
A
Quiescent Current
IQ
IOUT = 10mA to 3A
400
600

0V < VIN < VOUT, VOUT < 2.6V (at VOUT)
50
650

Reverse Leakage Current
IREV
0V < VIN < VOUT, VOUT < 2.6V (at VIN)
-50
0
mA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com