Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LX8630-33CDD Datasheet(PDF) 5 Page - Microsemi Corporation

Part # LX8630-33CDD
Description  3A BiCMOS Very Low Dropout Regulators
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX8630-33CDD Datasheet(HTML) 5 Page - Microsemi Corporation

  LX8630-33CDD Datasheet HTML 1Page - Microsemi Corporation LX8630-33CDD Datasheet HTML 2Page - Microsemi Corporation LX8630-33CDD Datasheet HTML 3Page - Microsemi Corporation LX8630-33CDD Datasheet HTML 4Page - Microsemi Corporation LX8630-33CDD Datasheet HTML 5Page - Microsemi Corporation LX8630-33CDD Datasheet HTML 6Page - Microsemi Corporation LX8630-33CDD Datasheet HTML 7Page - Microsemi Corporation LX8630-33CDD Datasheet HTML 8Page - Microsemi Corporation LX8630-33CDD Datasheet HTML 9Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Microsemi
Linfinity Microelectronics Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 5
Copyright
© 2000
Rev. 1.0a,2000-11-28
LX8630-xx
3A BiCMOS Very Low Dropout Regulators
PRODUCTION DATA SHEET
A
M I CROS E M I
COM P A N Y

 
   
 
LX8630-xx
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
 LX8630-00 ADJUSTABLE OUTPUT, 3A
TJ = 25
°C
1.23
1.25
1.27
Reference Voltage
VREF
Over Temperature
1.22
1.25
1.28
V
Line Regulation
VREG
VIN = (VO + 0.6V) to 5.5V @ ADJ Pin (Note 1)
2
4
mV
Load Regulation
IREG
IOUT = 10mA to 3A @ ADJ Pin
7
15
mV
IOUT = 3A,
OUT = -1%, TJ = 85°C
0.4
0.6
IOUT = 1.5A,
OUT = -1%
0.3
0.45
Dropout Voltage
VDO
IOUT = 10mA,
OUT = -1%
0.05
0.15
V
Short Circuit Current
ISC
VOUT = 0V
5
6.5
A
Quiescent Current
IOUT = 10mA to 3A
400
600
Quiescent Current in Shutdown
IQ
VIN= 4.8V; VSHDN<0.8V
1
40

0V < VIN < VOUT, VOUT < 5.5V (at VOUT)
50
650

Reverse Leakage Current
IREV
0V < VIN < VOUT, VOUT < 5.5V (at VIN)
-50
0
mA
Bias Current at ADJ Pin
IBIAS
100
nA
VSHDN falling
0.8
(VIN/2)
Shutdown Threshold
VSHDN
VSHDN rising
(VIN/2)
V
VSHDN < 0.8V
-2
SHDN Bias Current
ISHDN
VSHDN = 3V
-1

Note 1: VIN min.

  
    
 
0
50
100
150
200
250
300
0.1
0.5
1.0
1.5
2.0
2.5
3.0
Current Load (Amps)
+125
+25
-25
CHART 1 – Dropout Voltage vs. Output Current (Typical – LX8630-33CCD)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com