Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LX8630-33CDD Datasheet(PDF) 6 Page - Microsemi Corporation

Part # LX8630-33CDD
Description  3A BiCMOS Very Low Dropout Regulators
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX8630-33CDD Datasheet(HTML) 6 Page - Microsemi Corporation

  LX8630-33CDD Datasheet HTML 1Page - Microsemi Corporation LX8630-33CDD Datasheet HTML 2Page - Microsemi Corporation LX8630-33CDD Datasheet HTML 3Page - Microsemi Corporation LX8630-33CDD Datasheet HTML 4Page - Microsemi Corporation LX8630-33CDD Datasheet HTML 5Page - Microsemi Corporation LX8630-33CDD Datasheet HTML 6Page - Microsemi Corporation LX8630-33CDD Datasheet HTML 7Page - Microsemi Corporation LX8630-33CDD Datasheet HTML 8Page - Microsemi Corporation LX8630-33CDD Datasheet HTML 9Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Microsemi
Linfinity Microelectronics Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 6
Copyright
© 2000
Rev. 1.0a,2000-11-28
LX8630-xx
3A BiCMOS Very Low Dropout Regulators
PRODUCTION DATA SHEET
A
M I CROS E M I
COM P A N Y

 
 
VIN= 3.3V
CHAN 1 (TOP TRACE): VOUT 50mV/DIV at 2.5VDC
CHAN 3 (LOWER TRACE): IOUT 1A/DIV with
10mA preload current
Input Cap: 1 6MVGX 1500µF Sanyo Cap
Output Caps: 2 6MVGX 1500µF Sanyo Cap
VIN= 5.0V
CHAN 1 (TOP TRACE): VOUT 50mV/DIV at 2.5VDC
CHAN 3 (LOWER TRACE): IOUT 1A/DIV with
10mA preload current
Input Cap: 1 6MVGX 1500µF Sanyo Cap
Output Caps: 2 6MVGX 1500µF Sanyo Cap
CHART 2 & 3
– LX8630-00CCD Transient Response
Note: Adjustable Resistors 10K Ohms Each



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com