Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESDONCAN1 Datasheet(PDF) 1 Page - ON Semiconductor

Part # ESDONCAN1
Description  CAN/CAN-FD Bus Protector
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ESDONCAN1 Datasheet(HTML) 1 Page - ON Semiconductor

  ESDONCAN1 Datasheet HTML 1Page - ON Semiconductor ESDONCAN1 Datasheet HTML 2Page - ON Semiconductor ESDONCAN1 Datasheet HTML 3Page - ON Semiconductor ESDONCAN1 Datasheet HTML 4Page - ON Semiconductor ESDONCAN1 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2013
August, 2013 − Rev. 0
1
Publication Order Number:
ESDONCAN1/D
ESDONCAN1, SESDONCAN1
CAN/CAN-FD Bus Protector
Low Capacitance ESD Protection Diode
for CAN/CAN−FD Bus
The S/ESDONCAN1 has been designed to protect the CAN
transceiver from ESD and other harmful transient voltage events. This
device provides bidirectional protection for each data line with a
single compact SOT−23 package, giving the system designer a low
cost option for improving system reliability and meeting stringent
EMI requirements.
Features
200 W Peak Power Dissipation per Line (8 x 20 msec Waveform)
Diode Capacitance Matching
Low Reverse Leakage Current (< 100 nA)
Low Capacitance High−Speed FlexRay Data Rates
IEC Compatibility: − IEC 61000−4−2 (ESD): Level 4
− IEC 61000−4−4 (EFT): 50 A – 5/50 ns
− IEC 61000−4−5 (Lighting) 3.0 A (8/20
ms)
ISO 7637−1, Nonrepetitive EMI Surge Pulse 2, 8.0 A
(1 x 50
ms)
ISO 7637−3, Repetitive Electrical Fast Transient (EFT)
EMI Surge Pulses, 50 A (5 x 50 ns)
Flammability Rating UL 94 V−0
S Prefix for Automotive and Other Applications Requiring Unique
Site and Control Change Requirements; AEC−Q101 Qualified and
PPAP Capable
These are Pb−Free Devices
Typical Applications
Industrial
Smart Distribution Systems (SDS)
DeviceNet
Automotive
Controlled Area Network − CAN 2.1 / CAN FD
Low and High Speed CAN
http://onsemi.com
SOT−23
CASE 318
STYLE 27
PIN 1
PIN 3
PIN 2
MARKING DIAGRAM
25E
= Device Code
M
= Date Code
G
= Pb−Free Package
SOT−23
DUAL BIDIRECTIONAL
VOLTAGE SUPPRESSOR
200 W PEAK POWER
1
25EMG
G
See detailed ordering and shipping information in the package
dimensions section on page 2 of this data sheet.
ORDERING INFORMATION
(Note: Microdot may be in either location)


Similar Part No. - ESDONCAN1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ESDONCAN1 ONSEMI-ESDONCAN1 Datasheet
85Kb / 5P
CAN/CAN-FD Bus Protector
October, 2016 ??Rev. 1
logo
Guangdong Youtai Semico...
ESDONCAN1L UMW-ESDONCAN1L Datasheet
363Kb / 4P
The ESDONCAN1L has been designed to protect the CAN transceiver from ESD and other harmful transient voltage events.
logo
ON Semiconductor
ESDONCAN1LT1G ONSEMI-ESDONCAN1LT1G Datasheet
85Kb / 5P
CAN/CAN-FD Bus Protector
October, 2016 ??Rev. 1
logo
TECH PUBLIC Electronics...
ESDONCAN1LT1G TECHPUBLIC-ESDONCAN1LT1G Datasheet
980Kb / 4P
Can bus Esd Protection Diode
logo
ON Semiconductor
ESDONCAN1LT3G ONSEMI-ESDONCAN1LT3G Datasheet
85Kb / 5P
CAN/CAN-FD Bus Protector
October, 2016 ??Rev. 1
More results

Similar Description - ESDONCAN1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUP2105L ONSEMI-NUP2105L Datasheet
57Kb / 8P
Dual Line CAN Bus Protector
September, 2004 ??Rev. 1
SZNUP2105LT1G ONSEMI-SZNUP2105LT1G Datasheet
148Kb / 8P
Dual Line CAN Bus Protector
January, 2012 ??Rev. 5
logo
Diodes Incorporated
DESD24VS2SO DIODES-DESD24VS2SO Datasheet
218Kb / 4P
24V CAN/LIN BUS PROTECTOR
Rev 2
DESD32VS2SO DIODES-DESD32VS2SO Datasheet
284Kb / 4P
32V CAN/LIN BUS PROTECTOR
Rev 2
logo
Shanghai Leiditech Elec...
SDA24CDT3 LEIDITECH-SDA24CDT3 Datasheet
127Kb / 3P
DUAL LINE CAN BUS PROTECTOR
logo
ON Semiconductor
ESDONCAN1 ONSEMI-ESDONCAN1_16 Datasheet
85Kb / 5P
CAN/CAN-FD Bus Protector
October, 2016 ??Rev. 1
logo
Diodes Incorporated
DUP2105SOQ DIODES-DUP2105SOQ Datasheet
473Kb / 5P
DUAL LINE CAN BUS PROTECTOR
Rev 1
logo
SHIKUES Electronics
NUP2105 SKTECHNOLGY-NUP2105 Datasheet
775Kb / 4P
Dual Line CAN Bus Protector
logo
Rectron Semiconductor
RSM24M RECTRON-RSM24M Datasheet
258Kb / 4P
Dual Line CAN Bus Protector
logo
Guangdong Youtai Semico...
NUP2105L UMW-NUP2105L Datasheet
397Kb / 4P
Dual Line CAN Bus Protector
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com