Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM5166 Datasheet(PDF) 3 Page - Nippon Precision Circuits Inc

Part # SM5166
Description  PLL Synthesizer IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5166 Datasheet(HTML) 3 Page - Nippon Precision Circuits Inc

  SM5166 Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5166 Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5166 Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5166 Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5166 Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5166 Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5166 Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5166 Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5166 Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
SM5166AV
NIPPON PRECISION CIRCUITS—3
SPECIFICATIONS
Absolute Maximum Ratings
VSS = 0 V
Recommended Operating Conditions
VSS = 0 V
Electrical Characteristics
VSS = 0 V, VDD1 = 0.95 to 1.5 V, VDD2 = 2.0 to 3.3 V, Ta = −10 to 60 °C
Parameter
Symbol
Pin name
Rating
Unit
Supply voltage
VDD1
VDD1
−0.3 to 2.0
V
VDD2
VDD2
−0.3 to 7.0
V
Input voltage range
VIN1
FIN, XIN, TEST
VSS − 0.3 to VDD1 + 0.3
V
VIN2
OPR, CLK, DATA, LE
VSS − 0.3 to VDD2 + 0.3
V
Storage temperature range
Tstg
−40 to 125
°C
Power dissipation
PD
150
mW
Soldering temperature
Tsld
255
°C
Soldering time
tsld
10
s
Parameter
Symbol
Condition
Rating
Unit
Supply voltage
VDD1
0.95 to 1.5
V
VDD2
2.0 to 3.3
V
Operating temperature range
Topr
−10 to 60
°C
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
VDD1 operating current consumption
IDD1
Note 1.
–
0.70
1.10
mA
Note 2.
–
0.75
1.20
VDD2 standby current
IDD2
Note 3.
–
0.01
10.0
µA
FIN maximum operating input frequency
fmax1
300 mVp-p sine
wave
VDD1 = 0.95 to 1.50
V
90
–
–
MHz
VDD1 = 1.00 to 1.50
V
100
–
–
XIN maximum operating input frequency
fmax2
300 mVp-p sine wave (external input)
25
–
–
MHz
FIN minimum operating input frequency
fmin1
300 mVp-p sine wave
–
–
40
MHz
XIN minimum operating input frequency
fmin2
300 mVp-p sine wave (external input)
–
–
9
MHz
FIN input amplitude
VFIN
VDD1 = 0.95 to 1.50 V, fFIN = 90 MHz,
AC coupling
0.3
–
–
Vp-p
VDD1 = 1.00 to 1.50 V, fFIN = 100 MHz,
AC coupling
0.3
–
–
XIN input amplitude
VXIN
fXIN = 25 MHz sine wave, AC coupling
(external input)
0.3
–
–
Vp-p
OPR, CLK, DATA, LE LOW-level input
voltage
VIL
–
–
0.3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com