Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM5166 Datasheet(PDF) 9 Page - Nippon Precision Circuits Inc

Part # SM5166
Description  PLL Synthesizer IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5166 Datasheet(HTML) 9 Page - Nippon Precision Circuits Inc

Back Button SM5166 Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5166 Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5166 Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5166 Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5166 Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5166 Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5166 Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5166 Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5166 Datasheet HTML 11Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
SM5166AV
NIPPON PRECISION CIRCUITS—9
Boost-up Signal
If the PLL momentarily loses lock as a result of a
phase error, a level signal is output on pin DB. When
the PLL is operating in lock, output DB goes high
impedance.
When the PLL starts up, the signal on DB charges
the low-pass filter capacitor in anticipation of high-
speed locking. After the boost-up signal is output and
the PLL phase error comes within tolerance, the
boost-up circuit stops and operation continues when
the 2 supplies (VDD1, VDD2) are applied and OPR
goes HIGH once only. After the boost-up circuit
stops, new data is written and the boost-up signal is
not output even if the VCO is not in lock.
Operating principles
When the PLL is operating with a phase error within
fixed tolerance, an internal WINDOWN signal is
generated, as shown in figure 6. This signal is in sync
with the N counter output signal (FV) and is 64
cycles of the FIN input period in length centered
about the falling edge of FV.
If the phase detector error correction signal occurs
before the WINDOWN LOW-level pulsewidth, the
HIGH-level output from DB continues. However, if
the error correction signal occurs wholly within the
WINDOWN LOW-level pulsewidth, DB goes high
impedance and the boost-up circuit operation stops.
The above description applies when the error
correction signal is revising up. When the error
correction signal is revising down, DB goes LOW.
Standby Mode
The SM5166AV enters standby mode when OPR
goes LOW. In this mode, the states and functions
shown in table 2 occur.
In standby mode, some current flows into VDD1
(FIN and XIN prescaler current). Therefore, it is
necessary to reduce VDD1 to 0 V to fully reduce
current consumption and reduce power dissipation.
Figure 6. boost-up signal timing
FR
FV
Phase Detector
error correction signal
WINDOWN
DB
∗∗
∗
∗
Hi-Impedance
Hi-Impedance
HIGH level output
: 32fFIN
∗
()
Table 2. Standby mode block states
Block
State
DO and DB
Floating (high impedance)
LD
LOW-level output
Phase
comparator
Reset
Input FIN
Feedback resistor is cutoff (HIGH level)
Input XIN
Feedback resistor is cutoff (HIGH level)
N counter
Reset
R counter
Reset
Latch data
Stored (while VDD2 is within rating)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com