Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM5166 Datasheet(PDF) 5 Page - Nippon Precision Circuits Inc

Part # SM5166
Description  PLL Synthesizer IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5166 Datasheet(HTML) 5 Page - Nippon Precision Circuits Inc

  SM5166 Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5166 Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5166 Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5166 Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5166 Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5166 Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5166 Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5166 Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5166 Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
SM5166AV
NIPPON PRECISION CIRCUITS—5
FUNCTIONAL DESCRIPTION
Operating Frequency Divider
(N-counter) Structure
The
operating
frequency
divider
generates
a
comparator frequency signal (FV), which is input to
the phase comparator, by dividing the VCO signal
input on pin FIN.
The operating frequency divider is comprised by
dual modulus prescalers, a 5-bit swallow counter and
a 11-bit main counter.
The settings for the prescaler (P and P + 1), swallow
counter (S) and main counter (M) are related to the
comparator frequency divider ratio by:
The counter value ranges are P = 32, P + 1 = 33, S =
0 to 31, and M = 32 to 2047. Therefore, the operating
frequency divider ratio range N is 1056 to 65535.
Reference Frequency Divider
(R-counter) Structure
The
reference
frequency
divider
generates
a
comparator frequency signal (FR), which is input to
the phase comparator, by dividing the reference
frequency input either from an external signal on
XIN or from a crystal connected between XIN and
XOUT.
The reference frequency divider is comprised by a
fixed divide-by-8 prescaler and an 13-bit reference
counter.
The settings for the prescaler (A = 8) and reference
counter (R) are related to the reference frequency
divider ratio by:
The counter value ranges are A = 8 and B = 5 to
8191. Therefore, the reference frequency divider
ratio range is R = 40 to 65528.
Input Data
The input data should be specified keeping in mind
the VDD2 supply. The data is input using CLK,
DATA and LE pins into the shift register and latch
which operate from the VDD2 supply. However, the
VDD1 supply level can vary.
The control data input uses a 3-line 17-bit serial
interface comprising the clock (CLK), data input
(DATA) and latch enable (LE). The data is input with
the MSB first. The last (17th) bit is used as the latch
select control bit. Data is written to the shift register
on the rising edge of the clock signal. Accordingly,
the data should change state on the falling edge of
the clock signal. Data is transferred from the shift
register to the latch when the latch enable (LE)
signal goes HIGH. Accordingly, the latch enable
signal should be held LOW while data is being
written to the shift register.
The clock and data input signals are both ignored
when the latch enable signal goes HIGH. Also, the
CLK, DATA and LE inputs should be tied LOW
when not setting data.
NP
1
+
() SP M S
–
()
+
×
=
PM
S
+
=
RAB8B
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com