Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE9050 Datasheet(PDF) 20 Page - Mitel Networks Corporation

Part # ACE9050
Description  System Controller and Data Modem Advance Information
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

ACE9050 Datasheet(HTML) 20 Page - Mitel Networks Corporation

Back Button ACE9050 Datasheet HTML 16Page - Mitel Networks Corporation ACE9050 Datasheet HTML 17Page - Mitel Networks Corporation ACE9050 Datasheet HTML 18Page - Mitel Networks Corporation ACE9050 Datasheet HTML 19Page - Mitel Networks Corporation ACE9050 Datasheet HTML 20Page - Mitel Networks Corporation ACE9050 Datasheet HTML 21Page - Mitel Networks Corporation ACE9050 Datasheet HTML 22Page - Mitel Networks Corporation ACE9050 Datasheet HTML 23Page - Mitel Networks Corporation ACE9050 Datasheet HTML 24Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 52 page
background image
ACE9050
20
Associated register
BANK_SEL: Bank Select register (Write only)
Bit
[7:5]
4
3
2
1
0
-
CS
BA 17
BA 16
BA 15
BA 14
Not used
Chip Select:
1 = CSE2N
0 = CSEPN
Banked Address A17 (see Table 27)
Banked Address A16 (see Table 27)
Banked Address A15 (see Table 27)
Banked Address A14 (see Table 27)
Name
Description
The processor memory map is thus split into two distinct
areas: Non Banked address (Root) and Banked address:
Non Banked address area (Root)
A[17:14]: The address lines A[17:16] are set to 11. The
addresslinesA[15:14]areidenticaltothecorrespondingprocessor
address lines. This means the original area of the processor
memory map is mapped to the top of the external memory
address space.
CSE2N is never active, regardless of the value of the Bank_Sel
register bit 4. All access will be with CSEPN.
Banked Address area: A[17:14]
These address lines are the same as Bank Sel register bits
[3:0]. The programmer can in theory select up to 16 pages. This
is discussed in more detail in System Memory Map section.
CSE2N: The BANK SEL bit 4 determines whether this Chip
select line is enabled or the CSEPN.
Table 28 summarises operation in the two areas.
Fig. 14 Banked Addressing block diagram
Fig. 15 Memory Map and Banked Addressing
BANK 1
BANK 2
BANK 3
BANK 4
BANK 5
BANK 6
BANK 7
BANK 8
BANK 9
BANK 10
BANK 11
BANK 12
REGISTERS
RAM
BANKED
BOOT ROM
0000
1000
8000
C000
FE00
FFFF
CPU
ADDRESS
15:0
 



0XXXX
1XXXX
2XXXX
3XXXX
SYSTEM
ADDRESS
256K ROM
SYSTEM
MEMORY MAP
64K
PROCESSOR
MEMORY MAP
Banked Address System Memory Map
The processor and the system memory map become different
because of the memory banking. The system memory map is
spit into 16K pages and the original processor Memory map
re-targeted. Refer to Fig. 15.
BANK_SEL
REGISTER
ID[3:0]
ID4
MUX
A
B
MUX
B
A
CONTROL
1 = A, 0 = B
AD15
AD14
ID [4:0]
17
16
15
14
4
4
5
VDD
EPROM
SELECT
BA [17:14]
CSEPN
CSE2N
4
A[17:14]
A[17:14]
The banking is configured to occupy a 16K byte area of the
processor memory address space. It will thus create 16K byte
pages. This is configured in hardware and cannot be altered. It
is achieved by decoding the upper 2 bits of the processor
Address bus. If the address is in the range 8000H to BFFFH which
corresponds to A[15:14] = 10, the bank select circuit is invoked.
The bank addressing circuit only affects the upper four bits of the
external data bus. The top two A[17:16] are completely new, and
the next two A[15:14] are replacements for the processor A[15:
14] bits. Fig. 14 is a block diagram of the Bank Select circuitry.
Table 26
Page Base
Address (Hex)
Bank_Sel
3:0
Bank_Sel
3:0
Page Base
Address (Hex)
0000
0001
0010
0011
0100
0101
0110
0111
00000
04000
08000
0C000
10000
14000
18000
1C000
1000
1001
1010
1011
1100
*
1101
*
1110
*
1111
*
20000
24000
28000
2C000
30000
34000
38000
3C000
*Refer to System Memory Map section for more details
Table 27
Address
area
Non-Banked
Banked
Set to 11
Same as
Micro
Always
CSEPN
Bit 4
A[17:16]
A[15:14]
Chip Select
Bank Select register bits [3:0]
Table 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com