Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE9050 Datasheet(PDF) 24 Page - Mitel Networks Corporation

Part # ACE9050
Description  System Controller and Data Modem Advance Information
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

ACE9050 Datasheet(HTML) 24 Page - Mitel Networks Corporation

Back Button ACE9050 Datasheet HTML 20Page - Mitel Networks Corporation ACE9050 Datasheet HTML 21Page - Mitel Networks Corporation ACE9050 Datasheet HTML 22Page - Mitel Networks Corporation ACE9050 Datasheet HTML 23Page - Mitel Networks Corporation ACE9050 Datasheet HTML 24Page - Mitel Networks Corporation ACE9050 Datasheet HTML 25Page - Mitel Networks Corporation ACE9050 Datasheet HTML 26Page - Mitel Networks Corporation ACE9050 Datasheet HTML 27Page - Mitel Networks Corporation ACE9050 Datasheet HTML 28Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 52 page
background image
ACE9050
24
7. CLOCK GENERATOR
The AC9050 provides a clock generator with crystal oscillator
circuit. This circuit generates all of the chip clock frequencies to
which the logic is synchronised. In Normal mode all the clocks
are generated from one external source. In Emulation mode the
Master clock is the ECLK which becomes an input.
For AMP and TACS mobile handset applications the input
frequency must be 8·064MHz. In Emulation Mode an input
frequency of 1·008MHz, or 2·016MHz in Turbo mode, is required
on the ECLK pin. Note that, although the ACE9050 will operate
with lower frequencies, the radio functions such as the Modem
would not then function correctly in a radio system.
The clock generator has a built-in oscillator which requires an
external crystal. Alternatively, the oscillator can be powered
down and either a 800mv peak-to-peak AC-coupled sinewave or
a CMOS logic level applied to XIN may be used. If the ACE9030
is being used this provides a suitable output via CLK8; AC
coupling must be used.
The main internal clock (1·008MHz) is derived from the CPU
clock, or ECLK. This can either be 1·008 MHz or 2·016 MHz in
Turbo mode. In Turbo mode ECLK is divided by 2 to generate the
main 1·008MHz clock. This gives correct functionality when in
Emulation mode, where the ECLK frequency is generated
externally.
The clock generator produces a clock bus with all of the
internal clock frequencies required by the ACE9050. Various
frequencies are also available externally . If an external crystal is
used with the Crystal Oscillator, Fig. 17 shows the external
components required. Careful layout rules should be applied to
the external Crystal Circuit design. These include mounting the
components as close as possible to the ACE9050 and avoiding
running signal lines close to the oscillator circuit.
External Pins
CPUCL 8·064 MHz Output (pin 94)
This output is the buffered crystal or clock input frequency.
After reset it is disabled, but can be enabled by software. Refer
to Associated Registers.
C1008 1·008 MHz Output (pln 90)
This output is the main clock divided by eight. It must always
be 1·008 MHz in a mobile phone application using the ACE
chipset. It is intended to drive the ACE Serial interface clock. It is
enabled after reset, but can be disabled by software.
ECLK Processor Clock (pin 99)
This is the processor clock. It is an output in Normal mode, but
an input in Emulation. The frequency is 1·008MHz, or 2·01 6MHz
in Turbo mode.
XIN Crystal or External source (pin 2)
Input Crystal or external source input. External source must
be AC-coupled or CMOS levels.
XOUT Crystal Output (pin 3)
If an external crystal is used connect between XIN and XOUT.
Ifanexternalsourceisusedthisoutputshouldbeleftunconnected.
Associated Registers
Description
Table 37
8. BAUD RATE GENERATOR
The Baud Rate Generator provides standard baud rate
clocks for the SCI in the 6303 block. It is internally connected to
the 6303 Port2 bit 2. For Emulation mode the Baud Rate
generator clock output is available to drive the shadow 6303. The
Baud rate clock output is 8 times the baud rate. This is the
requirement for a standard 6303. Baud rates available are
shown in Table 38.
For higher baud rates a 6303 transfer rate can be selected in
the TRCSR register. As these are referenced to the ECLK they
will be non-standard rates.
External Pins
BAUDCLK: Baud rate clock output. (pin 6)
This output is 83the baud rate. It is used in emulation mode
only by the shadow 6303.
Associated Registers
BRG: Baud rate Select port - Write only
TURBO: Port 4 bit 3
0 = 1·008MHz (Reset state)
1 = 2·016MHz (Turbo)
ENSIS: Port 3 bit 2
0 = CPUCL pin: OUT2 [0] (Reset state)
1 = CPUCL pin: 8·064MHz
CLKENAB: Port 5 bit 1
0 = C1008 pin = 0
1 = C1008 pin = 1·008MHz (Reset state)
XOSC PD: Port 5 bit 6
0 = Oscillator active (Reset state)
1 = Oscillator power down
Bits
[7: 3]
XXXX
[2: 0]
000
001
010
011
100
Description
Unused
600 Baud (Reset state)
1200 Baud
2400 Baud
4800 Baud
9600 Baud
Table 38
R1 = 470k
Ω to 1MΩ
C1, C2 = 22pF typical
(Refer to AC
Characteristics)
X1
R1
C1
C2
XIN
XOUT
2
3
Fig. 17 External crystal components
9. EXTERNAL RESET AND WATCHDOG FUNCTION
The ACE9050 contains a Master reset circuit. Upon a reset
being applied, all the circuits are reset and the registers put into
a known state. These are detailed in Tables 8 and 9 for the
ACE9050 and 6303 registers respectively. The mode selection
of the 6303 also occurs automatically upon Master reset. An
external output (EXRESN) is also asynchronously driven low.
The Master reset circuit is activated by one of two means:
(a) The external pin MRN (Master Reset) being driven low.
(b) Watchdog Time out.
The Watchdog circuit provides an automatic means to reset
the processor if it gets stuck in an infinite loop, which would be



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com