| Electronic Components Datasheet Search |
|
ACE9050 Datasheet(PDF) 45 Page - Mitel Networks Corporation |
|
|
|||||||||||||||||||||||||||||
ACE9050 Datasheet(HTML) 45 Page - Mitel Networks Corporation |
|
45 / 52 page ![]() ACE9050 45 Block Descriptions ATO Timer The ATO timer is a 30 second resetable counter. If the ATO counter reaches 30 seconds, an ATO Reset is generated. The counter is reset by the following actions: (a) External MRN Reset (b) Accepted Processor Write to the RESATO register The levels of the two external signals RXCD (pin 100) and TXPOW (pin 61) are used to determine whether a processor Write to RESATO is accepted or not, as shown in Table 106. RXCD 0 0 1 1 Accepted Denied Accepted Accepted RESATO access TXPOW 0 1 0 1 NOTE: The CPU cannot tell whether a hardware access has been accepted or not. Table 106 The RXCD input is filtered prior to use in the ATO Timer logic by the RXCD Filter. The ATO timer is NOT reset by Watchdog reset. ATO Reset When the AT0 Times Out the ATO reset circuit is trigered and the following occurs: (a) A Time Out Interrupt is generated. (b) If the POFFN is high it will be driven low. The Time Out interrupt is generated at least 1 second before the POFFN is driven low. This is to give the processor time to clean up before power is removed. The processor cannot prevent the ATO reset at this stage. The ACE9050 design assumes that the ATO Reset will remove power from the phone system. If the system is designed in such away that power is not removed from the ACE9050 the POFFN pin is only guaranteed to stay low for approximately 1 second. The state of the internal circuitry is not guaranteed after an ATO Reset. RXCD Filter The purpose of the filter is to smooth out short glitches in the RXCD input. The filter waits for 1 second of RXCD becoming high before the filter output is asserted. Once the output has been asserted for more than 1 second, if the RXCD goes low for more that 1 second the filter output will go low. The filter hardware consists of a 10-bit up-down counter clockedat492Hz.IftheRXCDinputishighthecounterincrements. If it is low the counter decrements. Thus, assuming the counter begins at zero, with a fixed high on the RXCD the counter’s MSB will assert after 1 second and will overflow after approximately 2 seconds. When the counter overflows and RXCD is high it will continue to hold the maximum count value and conversely, when it reaches zero and RXCD is low, it will contain zero. The MSB of the counter is the filter output which is fed to the ATO. Programming Guide Although the processor only needs to access the ATO register once every 30 seconds to prevent the reset, the access should occur more frequently. This would ensure a spurious error condition unfortunately timed would not cause an ATO turn- off. Servicing the ATO with the Watchdog would be the sensible approach. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |