Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE25Q512G Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE25Q512G
Description  512K BIT SPI NOR FLASH Memory Series
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25Q512G Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE25Q512G Datasheet HTML 1Page - ACE Technology Co., LTD. ACE25Q512G Datasheet HTML 2Page - ACE Technology Co., LTD. ACE25Q512G Datasheet HTML 3Page - ACE Technology Co., LTD. ACE25Q512G Datasheet HTML 4Page - ACE Technology Co., LTD. ACE25Q512G Datasheet HTML 5Page - ACE Technology Co., LTD. ACE25Q512G Datasheet HTML 6Page - ACE Technology Co., LTD. ACE25Q512G Datasheet HTML 7Page - ACE Technology Co., LTD. ACE25Q512G Datasheet HTML 8Page - ACE Technology Co., LTD. ACE25Q512G Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 42 page
background image
ACE25Q512G
512K BIT SPI NOR FLASH Memory Series
VER 1.1
2
● Single Supply Voltage
- Full voltage range: 2.7~3.6V
● Temperature Range
- Industrial (-40℃ to +85℃)
● Cycling Endurance/Data Retention
- Typical 100k Program-Erase cycles on any sector
- Typical 20-year data retention at +55℃
Packaging Type
Signal Names
Table 1
Pin No
Pin Name
I/O
Function
1
/CS
I
Chip Select
2
SO (IO1)
I/O
Serial Output for single bit data Instructions. IO1 for Dual or Quad
Instructions.
3
/WP (IO2)
I/O
Write Protect in single bit or Dual data Instructions. IO2 in Quad mode.
The signal has an internal pull-up resistor and may be left unconnected
in the host system if not used for Quad Instructions.
4
VSS
Ground
5
SI (IO0)
I/O
Serial Input for single bit data Instructions. IO0 for Dual or Quad
Instructions.
6
SCLK
I
Serial Clock
7
/HOLD# (IO3)
I/O
Hold (pause) serial transfer in single bit or Dual data Instructions. IO3 in
Quad-I/O mode. The signal has an internal pull-up resistor and may be
left unconnected in the host system if not used for Quad Instructions.
8
VCC
Core and/ O Power Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com