Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE711E Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE711E
Description  2A, Step-Up DC - DC Regulator 20V
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE711E Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE711E Datasheet HTML 1Page - ACE Technology Co., LTD. ACE711E Datasheet HTML 2Page - ACE Technology Co., LTD. ACE711E Datasheet HTML 3Page - ACE Technology Co., LTD. ACE711E Datasheet HTML 4Page - ACE Technology Co., LTD. ACE711E Datasheet HTML 5Page - ACE Technology Co., LTD. ACE711E Datasheet HTML 6Page - ACE Technology Co., LTD. ACE711E Datasheet HTML 7Page - ACE Technology Co., LTD. ACE711E Datasheet HTML 8Page - ACE Technology Co., LTD. ACE711E Datasheet HTML 9Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
ACE711E
2A, Step-Up DC/DC Regulator 20V
VER 1.2
2
Packaging Type
SOT-23-6
PIN #
NAME
DESCRIPTION
1
SW
Inductor Connection. Connect an inductor Between SW and IN.
2
GN
Ground Pin
3
FB
Feedback Input for Current. Connect an external resistor FB to GND to set
IOUT
4
EN
Control pin for the IC. It is a multi-functional pin for enable control, PWM
dimming.
If the pin is floating will disable the IC.
5
IN
Input Supply pin. Bypass with a 4.7μF or larger ceramic capacitor to GND
6
NC
Not connected, leave this PIN floating
Ordering information
ACE711E XX + H
Typical Application
Pb - free
GM : SOT-23-6
Halogen - free
ACE711E



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com