Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE711E Datasheet(PDF) 5 Page - ACE Technology Co., LTD.

Part # ACE711E
Description  2A, Step-Up DC - DC Regulator 20V
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE711E Datasheet(HTML) 5 Page - ACE Technology Co., LTD.

  ACE711E Datasheet HTML 1Page - ACE Technology Co., LTD. ACE711E Datasheet HTML 2Page - ACE Technology Co., LTD. ACE711E Datasheet HTML 3Page - ACE Technology Co., LTD. ACE711E Datasheet HTML 4Page - ACE Technology Co., LTD. ACE711E Datasheet HTML 5Page - ACE Technology Co., LTD. ACE711E Datasheet HTML 6Page - ACE Technology Co., LTD. ACE711E Datasheet HTML 7Page - ACE Technology Co., LTD. ACE711E Datasheet HTML 8Page - ACE Technology Co., LTD. ACE711E Datasheet HTML 9Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
ACE711E
2A, Step-Up DC/DC Regulator 20V
VER 1.2
5
Switching Waveform
Switching Waveform
VIN=3.2V, VOUT=20V, LOUT=280mA
VIN=5.0V, VOUT=20V, IOUT=280mA
FUNCTIONAL DECRIPTIONS
The ACE711E is a high efficiency, high output voltage boost converter in a small package size. The
device is ideal for delivering 1-2A current when boosting up the output voltage. The device integrates
20V/2.5A switch FET and
operates in pulse width modulation (PWM) with 1MHz fixed switching
frequency. For operation details, please check the block diagram at the “Block Diagram” chapter. The duty
cycle of the converter is set by the error amplifier output and the current signal applied to the PWM control
comparator. The feedback loop regulates the FB pin to a low reference voltage (200mV typical), reducing
the power dissipation in the current sense resistor.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com