Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE711E Datasheet(PDF) 7 Page - ACE Technology Co., LTD.

Part # ACE711E
Description  2A, Step-Up DC - DC Regulator 20V
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE711E Datasheet(HTML) 7 Page - ACE Technology Co., LTD.

  ACE711E Datasheet HTML 1Page - ACE Technology Co., LTD. ACE711E Datasheet HTML 2Page - ACE Technology Co., LTD. ACE711E Datasheet HTML 3Page - ACE Technology Co., LTD. ACE711E Datasheet HTML 4Page - ACE Technology Co., LTD. ACE711E Datasheet HTML 5Page - ACE Technology Co., LTD. ACE711E Datasheet HTML 6Page - ACE Technology Co., LTD. ACE711E Datasheet HTML 7Page - ACE Technology Co., LTD. ACE711E Datasheet HTML 8Page - ACE Technology Co., LTD. ACE711E Datasheet HTML 9Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
ACE711E
2A, Step-Up DC/DC Regulator 20V
VER 1.2
7
PWM Dimming Control or Output Voltage Programming
When the EN pin is constantly high, the FB voltage is regulated to 200mV typically. However, the EN pin
allows a PWM signal to reduce this regulation voltage; therefore, it achieves LED brightness dimming or
output voltage programming (only to make output voltage lower). The relationship between the duty cycle
and FB voltage is given by Equation 1.3:
VFB =Duty*200 mV
(1.3)
Where
Duty = duty cycle of the PWM signal, 200 mV = internal reference voltage
This PWM dimming eliminates the audible noise which often occurs when the output current is pulsed in
replica of the frequency and duty cycle of PWM control. Unlike other scheme which filters the PWM signal
for analog dimming, ACE711E regulation voltage is independent of the PWM logic voltage level which
often has large variations for optimum performance, use the PWM dimming frequency in the range of
25kHz to 100kHz.
APPLICATION INFORMATION
Inductor Selection
Using an inductor with a smaller inductance value forces discontinuous PWM when the inductor current
ramps down to zero before the end of each switching cycle. This reduces the boost converter’s maximum
output current, causes large input voltage ripple and reduces efficiency. Large inductance value provides
much more output current and higher conversion efficiency. For these reasons, a 4.7μH to 10μH inductor
value range is recommended. A 10μH inductor optimized the efficiency for most application while
maintaining low inductor peak to peak ripple. Below table lists the recommended inductor for the
ACE711E.
Recommended Inductors for ACE711E
Part #
L(uH)
Saturation Curent (mA)
Vendor
SWRH3D16S
4.7-10
>2500
Sunlord
Schottky Diode Selection
A high-speed rectifying Schottky is recommended for ACE711E for maximum efficiency due to its high
switching frequency. The diode average and peak current rating must be larger than the average output
current and peak inductor current to ensure reliability. In addition, the diode’s reverse breakdown voltage
must exceed the open LED protection voltage.
Input and Output Capacitor Selection
The output capacitor is mainly selected to meet the requirements for the output ripple and loop stability.
The output requir
es a capacitor in the range of 10μF to 22μF.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com