Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT8841AS Datasheet(PDF) 3 Page - Mitel Networks Corporation

Part # MT8841AS
Description  CMOS Calling Number Identification Circuit
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8841AS Datasheet(HTML) 3 Page - Mitel Networks Corporation

  MT8841AS Datasheet HTML 1Page - Mitel Networks Corporation MT8841AS Datasheet HTML 2Page - Mitel Networks Corporation MT8841AS Datasheet HTML 3Page - Mitel Networks Corporation MT8841AS Datasheet HTML 4Page - Mitel Networks Corporation MT8841AS Datasheet HTML 5Page - Mitel Networks Corporation MT8841AS Datasheet HTML 6Page - Mitel Networks Corporation MT8841AS Datasheet HTML 7Page - Mitel Networks Corporation MT8841AS Datasheet HTML 8Page - Mitel Networks Corporation MT8841AS Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MT8841
5-13
Functional Description
The MT8841 Calling Number Identification Circuit
(CNIC) is a device compatible with the Bellcore
proposal (TR-NWT-000030) on generic requirements
for transmitting asynchronous voiceband data to
Customer Premises Equipment (CPE) from a serving
Stored
Program
Controlled
Switching
System
(SPCS)
or
a
Central
Office
(CO).
This
data
transmission technique is applicable in a variety of
services like Calling Number Delivery (CND), Calling
Name Delivery (CNAM) or Calling Identity Delivery
on Call Waiting (CIDCW) as specified in Custom
Local Area Signalling Service (CLASSSM) calling
information delivery features by Bellcore.
With CND, CNAM and CIDCW service, the called
subscriber has the capability to display or to store
the information on the calling party which is sent by
the CO and received by the CNIC.
In the CND service, information about a calling party
is embedded in the silent interval between the first
and second ring. During this period, the CNIC
receives and demodulates the 1200 baud FSK signal
(compatible with Bell-202 specification) and outputs
data into a 3-wire serial interface.
In the CIDCW service, information about a second
calling party is sent to the subscriber, while they are
engaged in another call. During this period, the CNIC
receives and demodulates the FSK signal as in the
CND case.
The
CNIC
is
designed
to
provide
the
data
transmission interface required for the above service
Figure 3 - Differential Input Configuration
C1
R1
C2
R4
R3
R2
R5
IN+
IN-
GS
VRef
MT8841
DIFFERENTIAL INPUT AMPLIFIER
C1 = C2 = 10 nF
R1 = R4 = R5 = 100 k
Ω
R2 = 60k
Ω, R3 = 37.5 kΩ
R3 = (R2R5) / (R2 + R5)
VOLTAGE GAIN
(AVdiff) = R5/R1
INPUT IMPEDANCE
(ZINdiff) = 2
R1
2 + (1/
ωC)2
Figure 4 - Single-Ended Input Configuration
at the called subscriber location either in the on-hook
case as in CND, or the off-hook case, as in
CIDCW.
The functional block diagram of the CNIC
is shown in Figure 1. Note however, for CIDCW
applications, a separate CAS (CPE Alerting Signal)
detector is required.
In Europe, Caller ID and CIDCW services are being
proposed. These schemes may be different from
their North American counterparts. In most cases,
1200 baud CCITT V.23 FSK is used instead of Bell
202. Because the CNIC can also demodulate 1200
baud CCITT V.23 with the same performance, it is
suitable for these applications.
Although the main application of the CNIC is to
support CND and CIDCW service, it may also be
used in any application where 1200 baud Bell 202
and/or CCITT V.23 FSK data reception is required.
Input Configuration
The input arrangement of the MT8841 provides an
operational amplifier, as well as a bias source (VRef)
which is used to bias the inputs at VDD/2. Provision is
made for connection of a feedback resistor to the op-
amp output (GS) for adjustment of gain. In a single-
ended configuration, the input pins are connected as
shown in Figure 4.
Figure 3 shows the necessary connections for a
differential input configuration.
User Interface
The CNIC provides a powerful 3-pin interface which
can reduce the external hardware and software
requirements. The CNIC receives the FSK signal,
demodulates it, and outputs the extracted data to the
DATA pin. For each received stop bit start bit
sequence, the CNIC outputs a fixed frequency clock
string of 8 pulses at the DCLK pin. Each clock rising
C
RIN
IN+
IN-
GS
VRef
MT8841
VOLTAGE GAIN
(AV) = RF / RIN
RF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com