Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT8841AS Datasheet(PDF) 5 Page - Mitel Networks Corporation

Part # MT8841AS
Description  CMOS Calling Number Identification Circuit
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8841AS Datasheet(HTML) 5 Page - Mitel Networks Corporation

  MT8841AS Datasheet HTML 1Page - Mitel Networks Corporation MT8841AS Datasheet HTML 2Page - Mitel Networks Corporation MT8841AS Datasheet HTML 3Page - Mitel Networks Corporation MT8841AS Datasheet HTML 4Page - Mitel Networks Corporation MT8841AS Datasheet HTML 5Page - Mitel Networks Corporation MT8841AS Datasheet HTML 6Page - Mitel Networks Corporation MT8841AS Datasheet HTML 7Page - Mitel Networks Corporation MT8841AS Datasheet HTML 8Page - Mitel Networks Corporation MT8841AS Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
MT8841
5-15
Applications
The circuit shown in Figure 6 illustrates the use of
the MT8841 device in a typical FSK receiver system.
Bellcore Special Report SR-TSV-002476 specifies
that the FSK receiver should be able to receive FSK
signal levels as follows:
Received Signal Level at 1200Hz:
-32dBm to -12dBm
Received Signal Level at 2200Hz:
-36dBm to -12dBm
This condition can be attained by choosing suitable
values of R1 and R2. The MT8841 configured in a
unity gain mode as shown in Fig. 6 meets the above
level requirements.
For applications requiring detection of lower FSK
signal level, the input op amp may be configured to
provide adequate gain.
Figure 6 - Application Circuit (Single-Ended Input)
C1
+5V
R1
R2
C2
X-tal
MT8841
IN +
IN -
GS
VRef
CAP
OSC1
OSC2
VSS
VDD
IC2
IC1
PWDN
CD
DR
DATA
DCLK
C3
R3
R4
To
Controller
Notes:
R1, R2 = 100 k
Ω 1%
R3, R4 = 100 k
Ω 10%
C1, C2, C3 = 0.1
µF 20%
X-tal = 3.579545 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com