Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT8841AS Datasheet(PDF) 4 Page - Mitel Networks Corporation

Part # MT8841AS
Description  CMOS Calling Number Identification Circuit
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8841AS Datasheet(HTML) 4 Page - Mitel Networks Corporation

  MT8841AS Datasheet HTML 1Page - Mitel Networks Corporation MT8841AS Datasheet HTML 2Page - Mitel Networks Corporation MT8841AS Datasheet HTML 3Page - Mitel Networks Corporation MT8841AS Datasheet HTML 4Page - Mitel Networks Corporation MT8841AS Datasheet HTML 5Page - Mitel Networks Corporation MT8841AS Datasheet HTML 6Page - Mitel Networks Corporation MT8841AS Datasheet HTML 7Page - Mitel Networks Corporation MT8841AS Datasheet HTML 8Page - Mitel Networks Corporation MT8841AS Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MT8841
5-14
edge corresponds to the centre of each DATA bit cell
(providing the incoming baud rate matches the DCLK
rate). DCLK is not generated for the stop and start
bits. Consequently, DCLK will clock only valid data
into a peripheral device such as a serial to parallel
shift register or a micro-controller. The CNIC also
outputs an end of word pulse (data ready) at the DR
pin. The data ready signal indicates the reception of
every 10-bit word sent from the Central Office. This
output is typically used to interrupt a micro-controller.
The three outputs together, eliminate the need for a
UART
(Universal
Asynchronous
Receiver
Transmitter) or the high software overhead of
performing the UART function (asynchronous serial
data reception).
Note that the 3-pin interface may also output data
generated by voice since these frequencies are in
the input frequency detection band of the device.
The user may choose to ignore these outputs when
FSK data is not expected, or force the CNIC into its
powerdown mode.
Power Down Mode
For
applications
requiring
reduced
power
consumption, the CNIC can be forced into power
down when it is not needed to receive FSK data.
This is done by pulling the PWDN pin high. In
powerdown mode, the crystal oscillator, op-amp and
internal circuitry are all disabled and the CNIC will
not react to the input signal. DATA and DCLK are at
logic high, and DR and CD are at high impedance or
at logic high when pulled up with resistors.The CNIC
can be awakened for reception of the FSK signal by
pulling the PWDN pin to ground (see Figure 9).
Carrier Detect
The presence of the FSK signal is indicated by a
logic low at the carrier detect (CD) output. This
output has built in hysteresis to prevent toggling
when the received signal is shortly interrupted. Note
that the CD output is also activated by voice since
these
frequencies
are
in
the
input
frequency
detection band of the device. The user may choose
to ignore this output when FSK data is not expected,
or force the CNIC into its powerdown mode.
Figure 5 - Common Crystal Connection
Crystal Oscillator
The CNIC uses a crystal oscillator as the master
timing source for filters and the FSK demodulator.
The crystal specification is as follows:
Frequency:
3.579545 MHz
Frequency tolerance:
±0.1%(-40°C+85°C)
Resonance mode:Parallel
Load capacitance:
18 pF
Maximum series resistance: 150 ohms
Maximum drive level (mW): 2 mW
e.g. CTS MP036S
A number of MT8841 devices can be connected as
shown in Figure 5 such that only one crystal is
required. The connection between OSC2 and OSC1
can be D.C. coupled as shown, or A.C. coupled
using 30pF capacitors. Alternatively, the OSC1
inputs on all devices can be driven from a CMOS
buffer (dc coupled) with the OSC2 outputs left
unconnected.
VRef and CAP Inputs
VRef is the output of a low impedance voltage source
equal to VDD/2 and is used to bias the input op-amp.
A 0.1µF capacitor is required between CAP and VSS
to suppress noise on VRef.
OSC1
OSC2
OSC1
OSC2
OSC1
OSC2
3.579545 MHz
MT8841
MT8841
MT8841
to the
next MT8841



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com