Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSF7607 Datasheet(PDF) 7 Page - GOOD-ARK Electronics

Part # SSF7607
Description  75V N-Channel MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SSF7607 Datasheet(HTML) 7 Page - GOOD-ARK Electronics

  SSF7607 Datasheet HTML 1Page - GOOD-ARK Electronics SSF7607 Datasheet HTML 2Page - GOOD-ARK Electronics SSF7607 Datasheet HTML 3Page - GOOD-ARK Electronics SSF7607 Datasheet HTML 4Page - GOOD-ARK Electronics SSF7607 Datasheet HTML 5Page - GOOD-ARK Electronics SSF7607 Datasheet HTML 6Page - GOOD-ARK Electronics SSF7607 Datasheet HTML 7Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
SSF7607
75V N-Channel MOSFET
www.goodark.com
Page 7 of 7
Rev.1.0
Ordering and Marking Information
Device Marking: SSF7607
Package (Available)
TO-220
Operating Temperature Range
C : -55 to 175 ºC
Devices per Unit
Package
Type
Units/
Tube
Tubes/Inner
Box
Units/Inner
Box
Inner
Boxes/Carton
Box
Units/Carton
Box
TO-220
50
20
1000
6
6000
Reliability Test Program
Test Item
Conditions
Duration
Sample Size
High
Temperature
Reverse
Bias(HTRB)
Tj=125℃ to 175℃ @
80% of Max
VDSS/VCES/VR
168 hours
500 hours
1000 hours
3 lots x 77 devices
High
Temperature
Gate
Bias(HTGB)
Tj=150℃ or 175℃ @
100% of Max VGSS
168 hours
500 hours
1000 hours
3 lots x 77 devices



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com