Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSF7607 Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # SSF7607
Description  75V N-Channel MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SSF7607 Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  SSF7607 Datasheet HTML 1Page - GOOD-ARK Electronics SSF7607 Datasheet HTML 2Page - GOOD-ARK Electronics SSF7607 Datasheet HTML 3Page - GOOD-ARK Electronics SSF7607 Datasheet HTML 4Page - GOOD-ARK Electronics SSF7607 Datasheet HTML 5Page - GOOD-ARK Electronics SSF7607 Datasheet HTML 6Page - GOOD-ARK Electronics SSF7607 Datasheet HTML 7Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SSF7607
75V N-Channel MOSFET
www.goodark.com
Page 1 of 7
Rev.1.0
Main Product Characteristics
Features and Benefits
Description
Absolute Max Rating
Symbol
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
130①
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
91①
IDM
Pulsed Drain Current ②
510
A
Power Dissipation ③
250
W
PD @TC = 25°C
Linear Derating Factor
1.6
W/°C
VDS
Drain-Source Voltage
75
V
VGS
Gate-to-Source Voltage
± 20
V
EAS
Single Pulse Avalanche Energy @ L=0.3mH
390
mJ
IAS
Avalanche Current @ L=0.3mH
51
A
TJ
TSTG
Operating Junction and Storage Temperature Range
-55 to + 175
°C
VDSS
75V
RDS(on)
5.5mΩ(typ.)
ID
130A ①
TO-220
Marking and Pin
Assignment
Schematic Diagram
Advanced MOSFET process technology
Special designed for PWM, load switching and
general purpose applications
Ultra low on-resistance with low gate charge
Fast switching and reverse body recovery
175℃ operating temperature
Lead free product
It utilizes the latest processing techniques to achieve the high cell density and reduces the on-resistance with
high repetitive avalanche rating. These features combine to make this design an extremely efficient and reliable
device for use in power switching application and a wide variety of other applications.


Similar Part No. - SSF7607

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSF7607 SILIKRON-SSF7607 Datasheet
515Kb / 8P
Advanced MOSFET process technology
More results

Similar Description - SSF7607

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDP75N08 FAIRCHILD-FDP75N08 Datasheet
674Kb / 8P
75V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFW75N75 SEMIHOW-HFW75N75 Datasheet
871Kb / 7P
75V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AOB270AL AOSMD-AOB270AL Datasheet
329Kb / 6P
75V N-Channel MOSFET
AOD474 AOSMD-AOD474 Datasheet
295Kb / 6P
75V N-Channel MOSFET
AOD474A AOSMD-AOD474A Datasheet
294Kb / 6P
75V N-Channel MOSFET
logo
GOOD-ARK Electronics
SS7505 GOOD-ARK-SS7505_15 Datasheet
1Mb / 7P
75V N-Channel MOSFET
SSF7609 GOOD-ARK-SSF7609 Datasheet
1,017Kb / 7P
75V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com