Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSF7607 Datasheet(PDF) 2 Page - GOOD-ARK Electronics

Part # SSF7607
Description  75V N-Channel MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SSF7607 Datasheet(HTML) 2 Page - GOOD-ARK Electronics

  SSF7607 Datasheet HTML 1Page - GOOD-ARK Electronics SSF7607 Datasheet HTML 2Page - GOOD-ARK Electronics SSF7607 Datasheet HTML 3Page - GOOD-ARK Electronics SSF7607 Datasheet HTML 4Page - GOOD-ARK Electronics SSF7607 Datasheet HTML 5Page - GOOD-ARK Electronics SSF7607 Datasheet HTML 6Page - GOOD-ARK Electronics SSF7607 Datasheet HTML 7Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SSF7607
75V N-Channel MOSFET
www.goodark.com
Page 2 of 7
Rev.1.0
Thermal Resistance
Symbol
Characteristics
Typ.
Max.
Units
RθJC
Junction-to-case ③
—
0.61
℃/W
RθJA
Junction-to-ambient (t ≤ 10s) ④
—
62
℃/W
Electrical Characteristics @TA=25℃ unless otherwise specified
Symbol
Parameter
Min.
Typ.
Max.
Units
Conditions
V(BR)DSS
Drain-to-Source breakdown voltage
75
—
—
V
VGS = 0V, ID = 250μA
—
5.5
7
VGS=10V,ID = 30A
RDS(on)
Static Drain-to-Source on-resistance
—
9.4
—
mΩ
TJ = 125℃
2
—
4
VDS = VGS, ID = 250μA
VGS(th)
Gate threshold voltage
—
2.6
—
V
TJ = 125℃
—
—
1
VDS = 75V,VGS = 0V
IDSS
Drain-to-Source leakage current
—
—
50
μA
TJ = 125℃
—
—
100
VGS =20V
IGSS
Gate-to-Source forward leakage
—
—
-100
nA
VGS = -20V
Qg
Total gate charge
—
147
—
Qgs
Gate-to-Source charge
—
54
—
Qgd
Gate-to-Drain("Miller") charge
—
43
—
nC
ID = 30A,
VDS= 30V,
VGS = 10V
td(on)
Turn-on delay time
—
28
—
tr
Rise time
—
19
—
td(off)
Turn-Off delay time
—
82
—
tf
Fall time
—
28
—
ns
VGS=10V, VDS=30V,
RL=15Ω,
RGEN=2.5Ω
Ciss
Input capacitance
—
12109
—
Coss
Output capacitance
—
544
—
Crss
Reverse transfer capacitance
—
331
—
pF
VGS = 0V
VDS = 25V
ƒ = 1MHz
Source-Drain Ratings and Characteristics
Symbol
Parameter
Min.
Typ.
Max.
Units
Conditions
IS
Continuous Source Current
(Body Diode)
—
—
130 ①
A
ISM
Pulsed Source Current
(Body Diode)
—
—
510
A
MOSFET symbol
showing
the
integral reverse
p-n junction diode.
V
SD
Diode Forward Voltage
—
0.87
1.3
V
IS=30A, VGS=0V
trr
Reverse Recovery Time
—
53
—
ns
Qrr
Reverse Recovery Charge
—
155
—
nC
TJ = 25°C, IF =75A, di/dt =
100A/μs



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com