Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0AMA Datasheet(PDF) 1 Page - Mitel Networks Corporation

Part # 0AMA
Description  Stand Alone FFT Processor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

0AMA Datasheet(HTML) 1 Page - Mitel Networks Corporation

  0AMA Datasheet HTML 1Page - Mitel Networks Corporation 0AMA Datasheet HTML 2Page - Mitel Networks Corporation 0AMA Datasheet HTML 3Page - Mitel Networks Corporation 0AMA Datasheet HTML 4Page - Mitel Networks Corporation 0AMA Datasheet HTML 5Page - Mitel Networks Corporation 0AMA Datasheet HTML 6Page - Mitel Networks Corporation 0AMA Datasheet HTML 7Page - Mitel Networks Corporation 0AMA Datasheet HTML 8Page - Mitel Networks Corporation 0AMA Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
PDSP16510A MA
1
Fig. 1. Block Diagram
FEATURES
Completely self contained FFT Processor
Internal RAM supports up to1024 complex points
16 bit data and coefficients plus block floating point for
increased dynamic range
450 MIP operation gives 98 microsecond transforma-
tion times for 1024 points
Up to 40MHz sampling rates with A grade multiple
devices.
Internal window operator gives 67dB side lobe
attenuation and needs no external ROM.
132 pin surface mount package
The PDSP16510 performs Forward or Inverse Fast
Fourier Transforms on complex or real data sets containing up
to 1024 points. Data and coefficients are each represented by
16 bits, with block floating point arithmetic for increased
dynamic range.
An internal RAM is provided which can hold up to 1024
complex data points. This removes the memory transfer
bottleneck, inherent in building block solutions. Its organisa-
tion allows the PDSP16510 to simultaneously input new data,
transform data stored in the RAM, and to output previous
results. No external buffering is needed for transforms con-
taining up to 256 points, and the PDSP16510 can be directly
connected to an A/D converter to perform continuous trans-
forms. The user can choose to overlap data blocks by either
0%, 50%, or 75%. Inputs and outputs are asynchronous to the
40MHz system clock used for internal operations.
A 1024 point complex transform can be completed in
some 98
µs, which is equivalent to throughput rates of 450
million operations per second. Multiple devices can be con-
nected in parallel in order to increase the sampling rate up to
the 40MHz system clock. Six devices are needed to give the
maximum performance with 1024 point transforms.
Either a Hamming or a Blackman-Harris window operator
can be internally applied to the incoming real or complex data.
The latter gives 67dB side lobe attenuation. The operator
values are calculated internally and do not require an external
ROM nor do they incur any time penalty.
The device outputs the real and imaginary components of
the frequency bins. These can be directly connected to the
PDSP16330 in order to produce magnitude and phase values
from the complex data.
Rev
A
B
C
D
Date
MAR 1993 JAN 1997 OCT 1998
NOTE
Polyimide is used as an inter-layer dielectric and as
glassivation.
Polymeric material is also used for die attach which according
to the requirement in paragraph 1.2.1.b. (2) precludes
catagorising this device as fully compliant. In every other
respect this device has been manufactured and screened in
full accordance with the requirements of Mil-Std 883 (latest
revision).
CHANGE NOTIFICATION
The change notification requirements of MIL-PRF-38535 will
be implemented on this device type. Known customers will be
notified of any changes since the last buy when ordering
further parts if significant changes have been made.
ORDERING INFORMATION
PDSP16510A MA GCPR
(Power Ceramic QFP Package
- HIREL LEVEL A Screening)
PDSP16510A MA AC1R
(Power Ceramic PGA Package
- HIREL LEVEL A Screening)
PDSP16510A MA
Stand Alone FFT Processor
Supersedes January 1997 version, DS3762 - 2.0
DS3762 - 3.0 October 1998


Similar Part No. - 0AMA

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
0AMA ZARLINK-0AMA Datasheet
190Kb / 24P
Stand Alone FFT Processor
logo
Bel Fuse Inc.
0AMA BEL-0AMA Datasheet
503Kb / 4P
3x8.4mm Fast-acting Fuses for hazardous applications
Sep2024
0AMA-0040-TD BEL-0AMA-0040-TD Datasheet
503Kb / 4P
3x8.4mm Fast-acting Fuses for hazardous applications
Sep2024
0AMA-0050-TD BEL-0AMA-0050-TD Datasheet
503Kb / 4P
3x8.4mm Fast-acting Fuses for hazardous applications
Sep2024
0AMA-0063-TD BEL-0AMA-0063-TD Datasheet
503Kb / 4P
3x8.4mm Fast-acting Fuses for hazardous applications
Sep2024
More results

Similar Description - 0AMA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA8514 PHILIPS-PCA8514 Datasheet
322Kb / 64P
Stand-alone OSD
1995 Nov 27
PCA8516 PHILIPS-PCA8516 Datasheet
403Kb / 64P
Stand-alone OSD
1995 Mar 30
logo
Mitel Networks Corporat...
PDSP16510A MITEL-PDSP16510A Datasheet
271Kb / 25P
Stand Alone FFT Processor
PDSP16515A MITEL-PDSP16515A Datasheet
289Kb / 27P
Stand Alone FFT Processor
logo
Samsung semiconductor
S5D2510 SAMSUNG-S5D2510 Datasheet
267Kb / 32P
stand-alone OSD Processor
logo
Altera Corporation
EPS448 ALTERA-EPS448 Datasheet
1Mb / 17P
STAND-ALONE MICROSEQUENCER
logo
Zarlink Semiconductor I...
PDSP16510A ZARLINK-PDSP16510A Datasheet
181Kb / 23P
Stand Alone FFT Processor
PDSP16510AMA ZARLINK-PDSP16510AMA Datasheet
190Kb / 24P
Stand Alone FFT Processor
PDSP16515A ZARLINK-PDSP16515A Datasheet
173Kb / 25P
Stand Alone FFT Processor
logo
VTI technologies
SCA121T VTI-SCA121T Datasheet
186Kb / 2P
Stand Alone Inclinometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com